Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9119TV14IZ-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9119TV14IZ-2.7
Description  Single Digitally-Controlled Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9119TV14IZ-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9119TV14IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 10Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN8162.4
July 9, 2008
Instruction and Register Description
Device Addressing
WIPER COUNTER REGISTER (WCR)
The X9119 contains a Wiper Counter Registers (refer to
Table 4) for the XDCP potentiometer. The WCR is equivalent
to a serial-in, parallel-out register/counter with its outputs
decoded to select one of 1024 switches along its resistor
array. The contents of the WCR can be altered in one of
three ways:
1. it may be written directly by the host via the write wiper
counter register instruction (serial load)
2. it may be written indirectly by transferring the contents of
one of four associated data registers via the XFR data
register
3. it is loaded with the contents of its data register zero (R0)
upon power-up.
The Wiper Counter Register is a volatile register; that is, its
contents are lost when the X9119 is powered-down.
Although the register is automatically loaded with the value
in DR0 upon power-up, this may be different from the value
present at power-down. Power-up guidelines are
recommended to ensure proper loadings of the DR0 value
into the WCR.
DATA REGISTERS (DR0 TO DR3)
The potentiometer has four 10-bit non-volatile Data
Registers. These can be read or written directly by the host.
Data can also be transferred between any of the four Data
Registers and the Wiper Counter Register. All operations
changing data in one of the data registers is a nonvolatile
operation and will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can be
used as regular memory locations for system parameters or
user preference data.
Bit 9–Bit 0 are used to store one of the 1024 wiper position
(0 ~1023).
TABLE 4. WIPER CONTROL REGISTER, WCR (10-BIT), WCR9–WCR0: Used to store the current wiper position (Volatile, V)
TABLE 5. DATA REGISTER, DR (10-BIT), BIT 9–BIT 0: Used to store wiper positions or data (Non-Volatile, NV)
Four of the six instructions are four bytes in length. These
instructions are:
• Read Wiper Counter Register – read the current wiper
position of the selected potentiometer,
• Write Wiper Counter Register – change current wiper
position of the selected potentiometer,
• Read Data Register – read the contents of the selected
Data Register;
• Write Data Register – write a new value to the selected
Data Register.
The basic sequence of the four byte instructions is illustrated
in Figure 3. These four-byte instructions exchange data
between the WCR and one of the Data Registers. A transfer
from a data register to a WCR is essentially a write to a static
RAM, with the static RAM controlling the wiper position. The
response of the wiper to this action will be delayed by tWRL.
A transfer from the WCR (current wiper position), to a data
register is a write-to-nonvolatile memory and takes a
minimum of tWR to complete. The transfer can occur
between one of the four potentiometers and one of its
associated registers.
Two instructions (Figure 4) require a two-byte sequence to
complete. These instructions transfer data between the host
and the X9119; either between the host and one of the data
registers or directly between the host and the Wiper Counter
Register. These instructions are:
• XFR Data Register to Wiper Counter Register – This
transfers the contents of one specified Data Register to
the Wiper Counter Register.
• XFR Wiper Counter Register to Data Register – This
transfers the contents of the Wiper Counter Register to the
specified Data Register.
See “Instruction Format” on page 8 for more details.
POWER-UP AND DOWN REQUIREMENTS
There are no restrictions on the power-up condition of VCC
and the voltages applied to the potentiometer pins provided
that the VCC is always more positive than or equal to the
voltages at RH, RL, and RW, i.e. VCC ≥ RH, RL, RW. There
are no restrictions on the power-down condition. However,
the datasheet parameters for the DCP do not apply until 1ms
after VCC reaches its final value.
WCR9
WCR8
WCR7
WCR6
WCR5
WCR4
WCR3
WCR2
WCR1
WCR0
VVVVVVVVVV
(MSB)
(LSB)
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NV
NV
NV
NV
NV
NV
NV
NV
NV
NV
MSB
LSB
X9119


Similar Part No. - X9119TV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9119TV14IZ-2.7 INTERSIL-X9119TV14IZ-2.7 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
X9119TV14IZ-2.7 INTERSIL-X9119TV14IZ-2.7 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Renesas Technology Corp
X9119TV14IZ-2.7 RENESAS-X9119TV14IZ-2.7 Datasheet
771Kb / 18P
   1024 Tap, Low Power, 2-Wire Interface, Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9119TV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com