Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9119TV14 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9119TV14
Description  Single Digitally-Controlled Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9119TV14 Datasheet(HTML) 2 Page - Intersil Corporation

  X9119TV14 Datasheet HTML 1Page - Intersil Corporation X9119TV14 Datasheet HTML 2Page - Intersil Corporation X9119TV14 Datasheet HTML 3Page - Intersil Corporation X9119TV14 Datasheet HTML 4Page - Intersil Corporation X9119TV14 Datasheet HTML 5Page - Intersil Corporation X9119TV14 Datasheet HTML 6Page - Intersil Corporation X9119TV14 Datasheet HTML 7Page - Intersil Corporation X9119TV14 Datasheet HTML 8Page - Intersil Corporation X9119TV14 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN8162.4
July 9, 2008
Detailed Functional Diagram
Ordering Information
PART NUMBER
PART
MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION
(k
Ω)
TEMP
RANGE
(°C)
PACKAGE
PKG. DWG.#
X9119TV14I
X9119 TVI
5 ±10%
100
-40 to +85 14 Ld TSSOP (4.4mm)
M14.173
X9119TV14IZ (Note)
X9119 TVZI
-40 to +85 14 Ld TSSOP (4.4mm) (Pb-free) M14.173
X9119TV14
X9119 TV
0 to +70
14 Ld TSSOP (4.4mm)
M14.173
X9119TV14Z (Note)
X9119 TVZ
0 to +70
14 Ld TSSOP (4.4mm) (Pb-free) M14.173
X9119TV14-2.7*
X9119 TVF
2.7 to 5.5
0 to +70
14 Ld TSSOP (4.4mm)
M14.173
X9119TV14Z-2.7* (Note)
X9119 TVZF
0 to +70
14 Ld TSSOP (4.4mm) (Pb-free) M14.173
X9119TV14I-2.7
X9119 TVG
-40 to +85 14 Ld TSSOP (4.4mm)
M14.173
X9119TV14IZ-2.7* (Note)
X9119 TVZG
-40 to +85 14 Ld TSSOP (4.4mm) (Pb-free) M14.173
*Add "T1" suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
SCL
A1
SDA
A2
WP
INTERFACE
AND
CONTROL
CIRCUITRY
VCC
VSS
DR0 DR1
DR2 DR3
WIPER
COUNTER
REGISTER
(WCR)
RH
RL
DATA
RW
1024-TAPS
100K
Ω
CONTROL
POWER ON
RECALL
A0
X9119


Similar Part No. - X9119TV14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9119TV14 INTERSIL-X9119TV14 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
X9119TV14 INTERSIL-X9119TV14 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9119TV14-2.7 INTERSIL-X9119TV14-2.7 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
X9119TV14-2.7 INTERSIL-X9119TV14-2.7 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9119TV14I INTERSIL-X9119TV14I Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
More results

Similar Description - X9119TV14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com