Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9221AYS Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9221AYS
Description  Dual Digitally Controlled Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9221AYS Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9221AYS Datasheet HTML 7Page - Intersil Corporation X9221AYS Datasheet HTML 8Page - Intersil Corporation X9221AYS Datasheet HTML 9Page - Intersil Corporation X9221AYS Datasheet HTML 10Page - Intersil Corporation X9221AYS Datasheet HTML 11Page - Intersil Corporation X9221AYS Datasheet HTML 12Page - Intersil Corporation X9221AYS Datasheet HTML 13Page - Intersil Corporation X9221AYS Datasheet HTML 14Page - Intersil Corporation X9221AYS Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
5V
1533
Ω
100pF
SDA Output
RH
CH
10pF
CW
RL
CL
RW
RTOTAL
25pF
10pF
Macro Model
120
100
80
40
60
20
20 40 60
80 100 120
0
0
Bus Capacitance (pF)
Min.
Resistance
Max.
Resistance
RMAX =
CBUS
tR
RMIN =
IOL MIN
VCC MAX
=1.8k
Ω
11
FN8163.2
August 30, 2006
A.C. CONDITIONS OF TEST
SYMBOL TABLE
Equivalent A.C. Test Circuit
Circuit #3 SPICE Macro Model
Guidelines for Calculating Typical Values of Bus
Pull-Up Resistors
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing levels
VCC x 0.5
X9221A


Similar Part No. - X9221AYS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221AYS INTERSIL-X9221AYS Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9221AYS RENESAS-X9221AYS Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221AYSI INTERSIL-X9221AYSI Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221AYSI INTERSIL-X9221AYSI Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
More results

Similar Description - X9221AYS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com