Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9110TV14I-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9110TV14I-2.7
Description  Single Digitally-Controlled Potentiometer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9110TV14I-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9110TV14I-2.7 Datasheet HTML 3Page - Intersil Corporation X9110TV14I-2.7 Datasheet HTML 4Page - Intersil Corporation X9110TV14I-2.7 Datasheet HTML 5Page - Intersil Corporation X9110TV14I-2.7 Datasheet HTML 6Page - Intersil Corporation X9110TV14I-2.7 Datasheet HTML 7Page - Intersil Corporation X9110TV14I-2.7 Datasheet HTML 8Page - Intersil Corporation X9110TV14I-2.7 Datasheet HTML 9Page - Intersil Corporation X9110TV14I-2.7 Datasheet HTML 10Page - Intersil Corporation X9110TV14I-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN8158.3
February 13, 2008
Write in Process (WIP bit)
The contents of the Data Registers are saved to nonvolatile
memory when the CS pin goes from LOW to HIGH after a
complete write sequence is received by the device. The
progress of this internal write operation can be monitored by
a Write In Process bit (WIP). The WIP bit is read with a Read
Status command (See Figure 4).
Power-up and Down Requirements
At all times, the V+ voltage must be greater than or equal to
the voltage at RH or RL, and the voltage at RH or RL must be
greater than or equal to the voltage at V-. During power-up
and power-down, VCC, V+, and V- must reach their final
values within 1msec of each other.
ID3
ID2
ID1
ID0
0
0
A0
I2
I1
I0
RB
RA
SCK
SI
CS
0101
R/W
DEVICE ID
INTERNAL
INSTRUCTION
OPCODE
ADDRESS
REGISTER
0
0
0
0
ADDRESS
0
0
0
FIGURE 2. TWO-BYTE INSTRUCTION SEQUENCE
ID3 ID2 ID1 ID0 0
A0 R/W I2
00
SCK
SI
0
0
X
X0
0
XX
X
W
C
R
9
W
C
R
8
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
CS
I1
I0 0 RB RA
0
101
0
XX
X
DEVICE ID
INTERNAL
ADDRESS
INSTRUCTION
OPCODE
REGISTER
ADDRESS
WIPER
POSITION
0
FIGURE 3. FOUR-BYTE INSTRUCTION SEQUENCE (WRITE OR READ FOR WCR OR DATA REGISTERS)
ID3 ID2 ID1 ID0 0
A0 R/W I2
00
SCK
SI
1
0
X
X0
0
XX
X
WIP
CS
I1
I0
0 RB RA
01
0
1
0
XX
X
DEVICE ID
INTERNAL
ADDRESS
INSTRUCTION
OPCODE
REGISTER
ADDRESS
STATUS
BIT
X X
0
00
0 0
0 0
0
0
FIGURE 4. FOUR-BYTE INSTRUCTION SEQUENCE (READ STATUS REGISTERS)
X9110


Similar Part No. - X9110TV14I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9110TV14I-2.7 XICOR-X9110TV14I-2.7 Datasheet
133Kb / 21P
   Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9110TV14I-2.7 INTERSIL-X9110TV14I-2.7 Datasheet
369Kb / 18P
   Single Digitally-Controlled (XDCP) Potentiometer
X9110TV14I-2.7 INTERSIL-X9110TV14I-2.7 Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
More results

Similar Description - X9110TV14I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com