Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9111TV14-2.7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9111TV14-2.7
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9111TV14-2.7 Datasheet(HTML) 1 Page - Intersil Corporation

  X9111TV14-2.7 Datasheet HTML 1Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 2Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 3Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 4Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 5Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 6Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 7Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 8Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN8159.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved
XDCP is a trademark of Intersil Americas Inc. All other trademarks mentioned are the property of their respective owners.
X9111
Single Supply/Low Power/1024-Tap/SPI Bus
Single Digitally-Controlled (XDCP™)
Potentiometer
The X9111 integrates a single digitally controlled
potentiometer (XDCP) on a monolithic CMOS integrated
circuit.
The digital controlled potentiometer is implemented using
1023 resistive elements in a series array. Between each
element are tap points connected to the wiper terminal
through switches. The position of the wiper on the array is
controlled by the user through the SPI bus interface. The
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and four non-volatile Data Registers that
can be directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the resistor
array though the switches. Powerup recalls the contents of
the default data register (DR0) to the WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• 1024 Resistor Taps – 10-Bit Resolution
• SPI Serial Interface for Write, Read, And Transfer
Operations Of The Potentiometer
• Wiper Resistance, 40
Ω Typical @ 5V
• Four Non-Volatile Data Registers
• Non-Volatile Storage of Multiple Wiper Positions
• Power On Recall. Loads Saved Wiper Position on
Power-Up.
• Standby Current <3µA Max
•VCC: 2.7V to 5.5V Operation
•100k
Ω End to End Resistance
• 100 yr. Data Retention
• Endurance: 100,000 Data Changes Per Bit Per Register
• 14 Ld TSSOP
• Low Power CMOS
• Single Supply Version of the X9110
• Pb-Free Plus Anneal Available (RoHS Compliant)
Pinout
Functional Diagram
VCC
RL
VSS
1
2
3
4
5
6
7
8
14
13
12
11
10
9
NC
RW
CS
A1
TSSOP
RH
A0
SO
SI
HOLD
SCK
WP
X9111
RH
RL
Bus
RW
Interface &
Control
POT
VCC
VSS
SPI
Bus
Address
Data
Status
Write
Read
Wiper
1024-taps
Transfer
NC
100k
Power On Recall
Wiper Counter
Register (WCR)
Data Registers
(DR0-DR3)
Control
Interface
Data Sheet
September 15, 2006


Similar Part No. - X9111TV14-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9111TV14-2.7 XICOR-X9111TV14-2.7 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9111TV14-2.7 INTERSIL-X9111TV14-2.7 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
X9111TV14-2.7 INTERSIL-X9111TV14-2.7 Datasheet
323Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9111TV14-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com