Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9110TV14I Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9110TV14I
Description  Single Digitally-Controlled Potentiometer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9110TV14I Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9110TV14I Datasheet HTML 5Page - Intersil Corporation X9110TV14I Datasheet HTML 6Page - Intersil Corporation X9110TV14I Datasheet HTML 7Page - Intersil Corporation X9110TV14I Datasheet HTML 8Page - Intersil Corporation X9110TV14I Datasheet HTML 9Page - Intersil Corporation X9110TV14I Datasheet HTML 10Page - Intersil Corporation X9110TV14I Datasheet HTML 11Page - Intersil Corporation X9110TV14I Datasheet HTML 12Page - Intersil Corporation X9110TV14I Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN8158.3
February 13, 2008
NOTES:
1. “A0”: stands for the device address sent by the master.
2. WCRx refers to wiper position data in the Wiper Counter Register
3. “X”: Don’t Care.
Write Data Register (DR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Address
Wiper Position or Data
(Sent by Master on SI)
Wiper Position or Data
(Sent by Master on SI)
CS
Rising
Edge
010100 A0
1 1 0 0 RB RA 0 0 XXX XXX
W
C
R
9
W
C
R
8
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
Transfer Data Register (DR) to Wiper Counter Register (WCR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Address
CS
Rising
Edge
010100 A0
110
0 RB RA 0
0
Transfer Wiper Counter Register (WCR) to Data Register (DR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Address
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
01
0100 A0
1
1
1
0
RB
RA
0
0
Read Status Register (SR)
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
Register
Addresses
Status Data
(Sent by Slave on SO)
Status Data
(Sent by Slave on SO)
CS
Rising
Edge
010
100 A0
010 X 0
001 X X X X X X X X 0000
000 WIP
X9110


Similar Part No. - X9110TV14I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9110TV14I XICOR-X9110TV14I Datasheet
133Kb / 21P
   Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9110TV14I INTERSIL-X9110TV14I Datasheet
369Kb / 18P
   Single Digitally-Controlled (XDCP) Potentiometer
X9110TV14I INTERSIL-X9110TV14I Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
logo
Xicor Inc.
X9110TV14I-2.7 XICOR-X9110TV14I-2.7 Datasheet
133Kb / 21P
   Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9110TV14I-2.7 INTERSIL-X9110TV14I-2.7 Datasheet
369Kb / 18P
   Single Digitally-Controlled (XDCP) Potentiometer
More results

Similar Description - X9110TV14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com