Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9111TV14I Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9111TV14I
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9111TV14I Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9111TV14I Datasheet HTML 5Page - Intersil Corporation X9111TV14I Datasheet HTML 6Page - Intersil Corporation X9111TV14I Datasheet HTML 7Page - Intersil Corporation X9111TV14I Datasheet HTML 8Page - Intersil Corporation X9111TV14I Datasheet HTML 9Page - Intersil Corporation X9111TV14I Datasheet HTML 10Page - Intersil Corporation X9111TV14I Datasheet HTML 11Page - Intersil Corporation X9111TV14I Datasheet HTML 12Page - Intersil Corporation X9111TV14I Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN8159.4
September 15, 2006
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on SCK any address input
with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
∆V = | (VH–VL) |. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to Vcc
Lead temperature (soldering, 10s). . . . . . . . . . . . . . . . . . . . . +300
°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Temperature Range
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC) Limits
X9111 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V±10%
X9111-2.7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Analog Characteristics Over recommended industrial operation conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RTOTAL
End to End Resistance
100
k
End to End Resistance Tolerance
±20
%
Power Rating
+25°C, each pot
50
mW
IW
Wiper Current
±3
mA
RW
Wiper Resistance
Wiper Current =
±50µA,
VCC = 5V
40
110
Wiper Current =
±50µA,
VCC = 3V
150
300
VTERM
Voltage on any RH or RL Pin
VSS = 0V
VSS
VCC
V
Noise
Ref: 1V
-120
dBV
Resolution
1.6
%
Absolute Linearity (Note 1)
Rw(n)(actual) -Rw(n)(expected), where
n = 8 to 1006
±1
MI (Note 3)
Rw(n)(actual) -Rw(n)(expected) (Note 4)
±1.5
±2.0
MI (Note 3)
Relative Linearity (Note 2)
Rw(m + 1) -[Rw(m) + MI], where m = 8 to
1006
±0.5
MI (Note 3)
Rw(m + 1) -[Rw(m) + MI] (Note 4)
±0.5
±1.0
MI (Note 3)
Temperature Coefficient of RTOTAL
±300
ppm/°C
Ratiometric Temp. Coefficient
20
ppm/°C
CH/CL/CW
Potentiometer Capacitancies
See Macro model
10/10/25
pF
NOTES:
1. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
2. Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
3. MI = RTOT/1023 or (RH – RL)/1023, single pot
4. n = 0, 1, 2, …,1023; m =0, 1, 2, …, 1022.
5. ESD Rating on RH, RL, RW pins is 1.5kV (HBM, 1.0µA leakage maximum), ESD rating on all other pins is 2.0kV.
X9111


Similar Part No. - X9111TV14I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9111TV14I XICOR-X9111TV14I Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9111TV14I INTERSIL-X9111TV14I Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
X9111TV14I INTERSIL-X9111TV14I Datasheet
323Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xicor Inc.
X9111TV14I-2.7 XICOR-X9111TV14I-2.7 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9111TV14I-2.7 INTERSIL-X9111TV14I-2.7 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
More results

Similar Description - X9111TV14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com