Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C102SZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9C102SZ
Description  Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C102SZ Datasheet(HTML) 5 Page - Intersil Corporation

  X9C102SZ Datasheet HTML 1Page - Intersil Corporation X9C102SZ Datasheet HTML 2Page - Intersil Corporation X9C102SZ Datasheet HTML 3Page - Intersil Corporation X9C102SZ Datasheet HTML 4Page - Intersil Corporation X9C102SZ Datasheet HTML 5Page - Intersil Corporation X9C102SZ Datasheet HTML 6Page - Intersil Corporation X9C102SZ Datasheet HTML 7Page - Intersil Corporation X9C102SZ Datasheet HTML 8Page - Intersil Corporation X9C102SZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN8222.3
July 20, 2009
Power-up and Down Requirements
At all times, voltages on the potentiometer pins must be less
than ±VCC. The recall of the wiper position from non-volatile
memory is not in effect until the VCC supply reaches its final
value. The VCC ramp rate specification is always in effect.
AC OPERATION CHARACTERISTICS
tCl
CS to INC Setup
100
ns
tlD
INC HIGH to U/D Change
100
ns
tDI
U/D to INC Setup
2.9
µs
tlL
INC LOW Period
1
µs
tlH
INC HIGH Period
1
µs
tlC
INC Inactive to CS Inactive
1
µs
tCPH
CS Deselect Time (STORE)
20
ms
tCPH
CS Deselect Time (NO STORE)
100
ns
tIW (5)
INC to VW/RW Change
100
µs
tCYC
INC Cycle Time
2
µs
tCYC
INC Input Rise and Fall Time
500
µs
tR, tF
Power-up to Wiper Stable (Note 7)
500
µs
tPU
VCC Power-up Rate (Note 7)
0.2
50
V/ms
NOTES:
3. Absolute linearity is utilized to determine actual wiper voltage vs expected voltage = [VW(n)(actual) - VW(n)(expected )] = ±1 MI Maximum.
4. Relative linearity is a measure of the error in step size between taps = VW(n + 1) - [VW(n) + MI] = +0.2 MI.
5. 1 MI = Minimum Increment = RTOT/99.
6. Typical values are for TA = +25°C and nominal supply voltage.
7. This parameter is not 100% tested.
Electrical Specifications
Over recommended operating conditions unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
(Note 6)
MAX
Test Circuit #1
TEST POINT
Vw/RW
VR/RH
VL/RL
VS
Test Circuit #2
FORCE
VL/RL
VW/Rw
VH/RH
TEST POINT
CURRENT
Circuit #3 SPICE Macro Model
CW
RTOTAL
RL
RH
CL
RW
10pF
CL
10pF
25pF
Endurance and Data Retention
PARAMETER
MIN
UNIT
Medium Endurance
100,000
Data changes per bit
per register
Data Retention
100
years
AC Conditions of Test
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
10ns
Input Reference Levels
1.5V
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C102SZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C102SZ INTERSIL-X9C102SZ Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C102SZ INTERSIL-X9C102SZ Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C102SZ INTERSIL-X9C102SZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C102SZ INTERSIL-X9C102SZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C102SZ INTERSIL-X9C102SZ Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C102SZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com