Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HC10A Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IN74HC10A
Description  High Noise Immunity Characteristic of CMOS Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74HC10A Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IN74HC10A Datasheet HTML 1Page - IK Semicon Co., Ltd IN74HC10A Datasheet HTML 2Page - IK Semicon Co., Ltd IN74HC10A Datasheet HTML 3Page - IK Semicon Co., Ltd IN74HC10A Datasheet HTML 4Page - IK Semicon Co., Ltd IN74HC10A Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
IN74HC10A
Triple 3-Input NAND Gate
High-Performance Silicon-Gate CMOS
ORDERING INFORMATION
IN74HC10AN Plastic
IN74HC10AD SOIC
TA = -55° to 125° C for all packages
The IN74HC10A is identical in pinout to the LS/ALS10. The device
inputs are compatible with standard CMOS outputs; with pullup resistors,
they are compatible with LSTTL outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
C
Y
L
X
X
H
X
L
X
H
X
X
L
H
H
H
H
L
X = don’t care
Rev. 00


Similar Part No. - IN74HC10A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC10A INTEGRAL-IN74HC10A Datasheet
177Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
IN74HC10AD INTEGRAL-IN74HC10AD Datasheet
177Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
IN74HC10AN INTEGRAL-IN74HC10AN Datasheet
177Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC10A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC11A IKSEMICON-IN74HC11A Datasheet
185Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC02A IKSEMICON-IN74HC02A Datasheet
245Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC05A IKSEMICON-IN74HC05A Datasheet
286Kb / 6P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC14A IKSEMICON-IN74HC14A Datasheet
190Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HCT27A IKSEMICON-IN74HCT27A Datasheet
241Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC00A IKSEMICON-IN74HC00A Datasheet
231Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC04A IKSEMICON-IN74HC04A Datasheet
249Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HCT20A IKSEMICON-IN74HCT20A Datasheet
187Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HCT30A IKSEMICON-IN74HCT30A Datasheet
254Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC03A IKSEMICON-IN74HC03A Datasheet
183Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com