Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILX3085 Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # ILX3085
Description  Auto Shutdown function provide low power consumption
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILX3085 Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

Back Button ILX3085 Datasheet HTML 3Page - IK Semicon Co., Ltd ILX3085 Datasheet HTML 4Page - IK Semicon Co., Ltd ILX3085 Datasheet HTML 5Page - IK Semicon Co., Ltd ILX3085 Datasheet HTML 6Page - IK Semicon Co., Ltd ILX3085 Datasheet HTML 7Page - IK Semicon Co., Ltd ILX3085 Datasheet HTML 8Page - IK Semicon Co., Ltd ILX3085 Datasheet HTML 9Page - IK Semicon Co., Ltd ILX3085 Datasheet HTML 10Page - IK Semicon Co., Ltd ILX3085 Datasheet HTML 11Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ILX3085
7
2012, February, ver. 01
Table 6. Electrical Parameters (continued)
Symbol
Parameter
Mode
Limit
TA, C
Unit
Min
Max
Transmitter
IOSD
Short circuit current
– 7.0 V
 V
OD  VCC
240 25 ± 10
mA
250 –40; 85
0 V
 V
OD  12 V
240
25 ± 10
250
–40; 85
0 V
 V
OD  VCC
26
25 ± 10
25
–40; 85
VhD
Hysteresis
200
25
10
V
tPHL D,
tPLH D
Transmitter input to output
switching delay
CL1 = CL2 = 100 pF
RDIFF = 54 
330
800
25 ± 10
ns
250
1000
–40; 85
tSKEW D
Transmitter output skew
CL1 = CL2 = 100 pF
RDIFF = 54 
90
25 ± 10
ns
100
–40; 85
tPZH D,
tPZL D
Transmitter enable time
from OFF to output high
(low)
CL = 100 pF
2200
25 ± 10
ns
2500
–40; 85
tPHZ D,
tPLZ D
Transmitter disable time
from output high (low) to
OFF
CL = 15 pF
90
25 ± 10
ns
100
–40; 85
tRD, tFD
Rise or fall time of
differential output signal
RDIFF = 54 
CL1 = CL2 = 100 pF
220
620
25 ± 10
ns
200
750
–40; 85
tLD (SHDN),
tHD (SHDN)
Transmitter enable time
from shutdown to output
high (low)
CL = 15 pF
4000
25 ± 10
ns
4500
–40; 85
ST
Data rate
600
25 ± 10
Kb/s
500
–40; 85


Similar Part No. - ILX3085

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILX3221 IKSEMICON-ILX3221 Datasheet
303Kb / 9P
   Auto Shutdown function provide low power consumption
ILX3232 IKSEMICON-ILX3232 Datasheet
420Kb / 10P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
ILX3232D IKSEMICON-ILX3232D Datasheet
420Kb / 10P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
ILX3232DW IKSEMICON-ILX3232DW Datasheet
420Kb / 10P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
ILX3232N IKSEMICON-ILX3232N Datasheet
420Kb / 10P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
More results

Similar Description - ILX3085

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILX3221 IKSEMICON-ILX3221 Datasheet
303Kb / 9P
   Auto Shutdown function provide low power consumption
logo
STMicroelectronics
EVAL6491HB STMICROELECTRONICS-EVAL6491HB Datasheet
494Kb / 7P
   Smart shutdown function
logo
Unisonic Technologies
P1888G-S08-R UTC-P1888G-S08-R Datasheet
198Kb / 4P
   Thermal Shutdown function
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX Datasheet
411Kb / 18P
   Low noise low drop voltage regulator with shutdown function
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
   Low noise low drop voltage regulator with shutdown function
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
logo
SynQor Worldwide Headqu...
MPFC-115-3P-270-FP SYNQOR-MPFC-115-3P-270-FP Datasheet
4Mb / 21P
   Auto-recovery thermal shutdown
logo
STMicroelectronics
LK112S STMICROELECTRONICS-LK112S Datasheet
427Kb / 11P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
LK112XX STMICROELECTRONICS-LK112XX Datasheet
407Kb / 17P
   Low noise low drop voltage regulator with shutdown function
logo
Broadcom Corporation.
ALM-GA002 BOARDCOM-ALM-GA002 Datasheet
279Kb / 9P
   GPS Low Noise Amplifier Variable Current/Shutdown Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com