Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TAD100 Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part No. TAD100
Description  LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  P-DUKE [Power Mate Technology Co., LTD]
Homepage  http://www.pduke.com
Logo 

TAD100 Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAD100
4
www.PDUKE.com
2015/6/10
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI
EN55011, EN55022 and FCC Part 15
Conducted
Radiated
Class B
Class A
Harmonic currents
EN61000-3-2
Full Load
Class A and D
Voltage flicker
EN61000-3-3
ESD
EN61000-4-2
Air ± 8kV and Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast transient
EN61000-4-4
± 2kV
Perf. Criteria A
Surge
EN61000-4-5
DM ± 1kV and CM ± 2kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
20 Vr.m.s
Perf. Criteria A
Power frequency magnetic field
EN61000-4-8
10 A/m
Perf. Criteria A
Dip and interruptions
EN61000-4-11 and EN55024
CHARACTERISTIC CURVE
Derating Curve vs. Ambient Temperature
TED100 & TDD100
Derating Curve vs. Ambient Temperature
TAD100 & TUD100
Derating Curve vs. Input Voltage
T
D100
Efficiency vs. Output Load
T
D100US24
Efficiency vs. Input Voltage
T
D100US24


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn