Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TAD100 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part No. TAD100
Description  LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  P-DUKE [Power Mate Technology Co., LTD]
Homepage  http://www.pduke.com
Logo 

TAD100 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAD100
2
www.PDUKE.com
2015/6/10
TECHNICAL SPECIFICATION All specifications are typical at 230VAC input, full load and 25
otherwise noted
Input
Range
Output
Voltage
Output Current
Natural convection
Input Power
No Load
Efficiency
Model
Number
VAC
VDC
A
W
%
TAD100US12
TUD100US12
TED100US12
TDD100US12
85 ~ 264
12
8.34
0.3
91
TAD100US15
TUD100US15
TED100US15
TDD100US15
85 ~ 264
15
6.67
0.3
92
TAD100US24
TUD100US24
TED100US24
TDD100US24
85 ~ 264
24
4.17
0.3
92
TAD100US28
TUD100US28
TED100US28
TDD100US28
85 ~ 264
28
3.58
0.3
92
TAD100US36
TUD100US36
TED100US36
TDD100US36
85 ~ 264
36
2.78
0.3
91
TAD100US48
TUD100US48
TED100US48
TDD100US48
85 ~ 264
48
2.09
0.3
91
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
AC input
DC input
85
120
264
370
VAC
VDC
Input frequency
AC input
47
63
Hz
Input current
115VAC and Full Load
230VAC and Full Load
1.15
0.55
A
No load input power
230VAC
0.3
Watts
Leakage current
264VAC
300
µA
Power Factor
0.95
Start up time
1000
ms
Rise time
20
ms
Hold up time
115VAC and Full Load
22
ms
Input inrush current
230VAC
100
A
Input protection
Internal fuse
T3.15A/250VAC


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn