Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAD100 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part No. MAD100
Description  LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  P-DUKE [Power Mate Technology Co., LTD]
Homepage  http://www.pduke.com
Logo 

MAD100 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MAD100
3
www.PDUKE.com
2015/3/16
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output power
100
Watts
Initial set voltage accuracy
230VAC and Full Load
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load regulation
No Load to Full Load
10% Load to 90% Load
-0.5
-0.4
+0.5
+0.4
%
Voltage adjustability
-10
+10
%
Minimum load
0
%
Ripple and noise
Measured by 20MHz bandwidth
With a 10µF/25V 1206 X7R MLCC
With a 10µF/25V 1206 X7R MLCC
With a 1µF/50V 1206 X7R MLCC
With a 1µF/50V 1206 X7R MLCC
With a 1µF/50V 1206 X7R MLCC
With a 0.1µF/100V 1206 X7R MLCC
12Vout
15Vout
24Vout
28Vout
36Vout
48Vout
120
150
160
180
190
340
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response
Load step form 50 ~ 75% change at 2.5A/µs
Peak deviation
Recovery time
500
3
% Vout
µs
Over voltage protection
% of Vout(nom); Latch mode
115
135
%
Over load protection
% of Iout rated; Hiccup mode
115
150
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute (2MOPP insulation)
Input to Output
Input (Output) to F.G.
4000
1500
VAC
Isolation resistance
500VDC
0.1
G
Switching frequency
60
kHz
Safety approvals
ANSI/AAMI ES60601-1
EN60601-1
IEC60601-1
Weight
MAD
MUD
MED
MDD
156g (5.50oz)
194g (6.84oz)
210g (7.41oz)
232g (8.18oz)
MTBF
MIL-HDBK-217F Ta=25
℃, Full load
7.903 x 10
5 hrs
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
Natural convection
With derating
-25
+85
Storage temperature range
-40
+85
Operating altitude
5000
m
Thermal shock
MIL-STD-810F
Shock
IEC68-2-27
Vibration
IEC68-2-6
Relative humidity
Non-condensing
5% to 95% RH


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn