Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAD100 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part No. MAD100
Description  LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  P-DUKE [Power Mate Technology Co., LTD]
Homepage  http://www.pduke.com
Logo 

MAD100 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MAD100
2
www.PDUKE.com
2015/3/16
TECHNICAL SPECIFICATION All specifications are typical at 230VAC input, full load and 25
℃ otherwise noted
Input
Range
Output
Voltage
Output Current
Natural convection
Input Power
No Load
Efficiency
Model
Number
VAC
VDC
A
W
%
MAD100US12
MUD100US12
MED100US12
MDD100US12
85 ~ 264
12
8.34
0.3
91
MAD100US15
MUD100US15
MED100US15
MDD100US15
85 ~ 264
15
6.67
0.3
92
MAD100US24
MUD100US24
MED100US24
MDD100US24
85 ~ 264
24
4.17
0.3
92
MAD100US28
MUD100US28
MED100US28
MDD100US28
85 ~ 264
28
3.58
0.3
92
MAD100US36
MUD100US36
MED100US36
MDD100US36
85 ~ 264
36
2.78
0.3
91
MAD100US48
MUD100US48
MED100US48
MDD100US48
85 ~ 264
48
2.09
0.3
91
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
AC input
DC input
85
120
264
370
VAC
VDC
Input frequency
AC input
47
63
Hz
Input current
115VAC and Full Load
230VAC and Full Load
1.15
0.55
A
No load input power
230VAC
0.3
Watts
Leakage current
264VAC
75
µA
Power Factor
0.95
Start up time
1000
ms
Rise time
20
ms
Hold up time
115VAC and Full Load
16
ms
Input inrush current
230VAC
60
A
Input protection
Internal fuse in line and neutral
T3.15A/250VAC


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn