Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAD100 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part No. MAD100
Description  LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  P-DUKE [Power Mate Technology Co., LTD]
Homepage  http://www.pduke.com
Logo 

MAD100 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.PDUKE.com
2015/3/16
MAD100 SERIES
2 X 3 Inch AC-DC POWER SUPPLIES
UNIVERSAL INPUT RANGE
UP TO 100Watts
FEATURES
APPLICATIONS
LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
WIDE INPUT VOLTAGE RANGE 85 TO 264VAC, 47 TO 63HZ
ACTIVE POWER FACTOR CORRECTION
BUILT-IN EMI FILTER
OUTPUT VOLTAGE ADJUSTABLE
OPEN FRAME DIMENSIONS 2.00 X 3.00 X 1.16 INCH
4000VAC INPUT TO OUTPUT 2MOPP INSULATION
PROTECTION TYPE CLASS I AND CLASS II
LOW LEAKAGE CURRENT UNDER 75µA
OPERATING ALTITUDE 5000M
5 YEAR WARRANTY
ANSI/AAMI ES60601-1, EN60601-1, & IEC60601-1 3rd EDITION SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
MEDICAL EQUIPMENT
4000VAC
ISOLATION
OCP
SCP
OVP
LOW
STANDBY
POWER
PART NUMBER STRUCTURE
M
A
D
100
U
S
12
Application
Package
Dimension
Output
Input
Output
Output
Protection
Code
Code
Power
Voltage
Quantity
Voltage
Type
(W)
(VAC)
(VDC)
Medical
A: Open type
U:Universal
S:Single
12: 12V
No suffix: CLASS I
Application
U: U chassis type
85 ~ 264VAC
15: 15V
B: CLASS II
E: Enclosed type
24: 24V
D: Din rail type
28: 28V
36: 36V
48: 48V


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn