Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAD65 Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part No. MAD65
Description  0.11 WATT LOW STANDBY POWER CONSUMPTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

MAD65 Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  MAD65 Datasheet HTML 1Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 2Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 3Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 4Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MAD65
4
www.PDUKE.com
2015/6/10
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI
EN55011, EN55022 and FCC Part 18
Conducted
Radiated
Class B
Class B
Harmonic currents
EN61000-3-2
Full Load
Class A
Voltage flicker
EN61000-3-3
ESD
EN61000-4-2
Air ± 8kV and Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast transient
EN61000-4-4
± 2kV
Perf. Criteria A
Surge
EN61000-4-5
DM ± 1kV and CM ± 2kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
20 Vr.m.s
Perf. Criteria A
Power frequency magnetic field
EN61000-4-8
10 A/m
Perf. Criteria A
230VAC 50Hz
30%
60%
>95%
>95%
500mS
100mS
10mS
5000mS
Perf. Criteria A
Perf. Criteria A
Perf. Criteria A
Perf. Criteria B
Dip and interruptions
EN60601-1-2
EN61000-4-11
100VAC 50Hz
30%
60%
>95%
>95%
500mS
100mS
10mS
5000mS
Perf. Criteria A
Perf. Criteria B
Perf. Criteria A
Perf. Criteria B
CHARACTERISTIC CURVE
Derating Curve vs. Ambient Temperature
M□D65USxx xx=7P5/9/281
Derating Curve vs. Ambient Temperature
M□D65USxx xx=5/12/241/36/48/53
Derating Curve vs. Ambient Temperature
M□D65USxx xx=15/24/28
Derating Curve vs. Input Voltage
M
D65
Efficiency VS Output Load
MAD65US24
Efficiency VS Input Voltage
MAD65US24


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn