Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAD65 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part No. MAD65
Description  0.11 WATT LOW STANDBY POWER CONSUMPTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

MAD65 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  MAD65 Datasheet HTML 1Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 2Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 3Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 4Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MAD65
3
www.PDUKE.com
2015/6/10
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
AC input
DC input
85
120
264
370
VAC
VDC
Input frequency
AC input
47
63
Hz
Input current
100VAC and Full Load
240VAC and Full Load
1.6
0.9
A
No load input power
230VAC
0.11
Watts
Leakage current
264VAC
75
µA
Start up time
1000
ms
Rise time
20
ms
Hold up time
115VAC and Full Load
16
ms
Input inrush current
230VAC
60
A
Input protection
Internal fuse in line and neutral
T3.15A/250VAC
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output power
65
Watts
Initial set voltage accuracy
230VAC and Full Load
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load regulation
No Load to Full Load
5Vout
Others
-0.7
-0.5
+0.7
+0.5
10% Load to 90% Load
5Vout
Others
-0.6
-0.4
+0.6
+0.4
%
Voltage adjustability
Single output
53Vout
Others
-20
-10
+10
+10
%
Minimum load
0
%
Ripple and noise
Measured by 20MHz bandwidth
With a 10µF/25V 1206 X7R MLCC
5Vout, 7.5Vout, 9Vout
12Vout, 15Vout
75
mVp-p
With a 1µF/50V 1206 X7R MLCC
24Vout, 28Vout, 36Vout
75
mVp-p
With a 0.1µF/100V 1206 X7R MLCC
48Vout, 53Vout
150
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response
Load step form 50 ~ 75% change at 2.5A/µs
Peak deviation
Recovery time
600
3
% Vout
µs
Over voltage protection
% of Vout(nom); Latch mode
125
140
%
Over load protection
% of Iout rated; Hiccup mode
145
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute (2MOPP insulation)
Input to Output
Input (Output) to F.G.
4000
2500
VAC
Isolation resistance
500VDC
0.1
G
Switching frequency
230VAC
5Vout
7.5Vout
9Vout
Others
60
80
70
120
kHz
Safety approvals
ANSI/AAMI ES60601-1
EN60601-1
IEC60601-1
Weight
MAD
MUD
MED
MDD
117g (4.13oz)
157g (5.54oz)
172g (6.07oz)
193g (6.81oz)
MTBF
MIL-HDBK-217F, Full load
1.494 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
Natural convection
With derating
-40
+85
Storage temperature range
-40
+85
Operating altitude
5000
m
Shock
IEC60068-2-27
Vibration
IEC60068-2-6
Relative humidity
Non-condensing
5% to 95% RH


Similar Part No. - MAD65

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
MAD6A ETC2-MAD6A Datasheet
286Kb / 5P
   MA SERIES - MICRO-LIMIT SWITCHES
MAD6B ETC2-MAD6B Datasheet
286Kb / 5P
   MA SERIES - MICRO-LIMIT SWITCHES
MAD6C ETC2-MAD6C Datasheet
286Kb / 5P
   MA SERIES - MICRO-LIMIT SWITCHES
More results

Similar Description - MAD65

ManufacturerPart No.DatasheetDescription
Power Mate Technology Co., LTD
Power Mate Technology C...
MAD40 P-DUKE-MAD40 Datasheet
2Mb / 5P
   0.11 WATT LOW STANDBY POWER CONSUMPTION
TAD100 P-DUKE-TAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
MAD100 P-DUKE-MAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
MORNSUN Science& Technology Ltd.
MORNSUN Science& Techno...
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
   Low ripple & noise, Low standby power consumption
LO15-26D1305-03 MORNSUN-LO15-26D1305-03 Datasheet
1Mb / 4P
   Low ripple & noise, Low standby power consumption
Infineon Technologies AG
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
   Very low standby current consumption
Rev. 1.41, 2012-01-30
TAMURA Corporation.
TAMURA Corporation.
EPM1210SJ TAMURA-EPM1210SJ Datasheet
452Kb / 9P
   Power Modules 竊늁ower Supplies with Ultra-low Standby Power Consumption竊
Rohm
Rohm
BP5074 ROHM-BP5074 Datasheet
595Kb / 2P
   AC/DC converters with low power consumption during standby
Micross Components
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
Lowpower Semiconductor inc
Lowpower Semiconductor ...
LP4059 POWER-LP4059 Datasheet
365Kb / 9P
   Low standby power consumption 800mA Linear Li-Ion Battery Charger
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz