Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAD65 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part No. MAD65
Description  0.11 WATT LOW STANDBY POWER CONSUMPTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

MAD65 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  MAD65 Datasheet HTML 1Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 2Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 3Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 4Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MAD65
2
www.PDUKE.com
2015/6/10
TECHNICAL SPECIFICATION All specifications are typical at 230VAC input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Convection cooled
60℃ Ta
Max.
Output
Power
Input Power
@ No Load
Efficiency
Model
Number
VAC
VDC
A
W
W
%
MAD65US05
MUD65US05
MED65US05
MDD65US05
85 ~ 264
5
10
50
0.11
90
MAD65US7P5
MUD65US7P5
MED65US7P5
MDD65US7P5
85 ~ 264
7.5
8.67
65
0.11
90
MAD65US09
MUD65US09
MED65US09
MDD65US09
85 ~ 264
9
7.23
65
0.11
91
MAD65US12
MUD65US12
MED65US12
MDD65US12
85 ~ 264
12
5.42
65
0.11
92.5
MAD65US15
MUD65US15
MED65US15
MDD65US15
85 ~ 264
15
4.34
65
0.11
93.5
MAD65US24
MUD65US24
MED65US24
MDD65US24
85 ~ 264
24
2.71
65
0.11
93.5
MAD65US241
MUD65US241
MED65US241
MDD65US241
85 ~ 264
24
2.71
65
0.11
92
MAD65US28
MUD65US28
MED65US28
MDD65US28
85 ~ 264
28
2.33
65
0.11
93.5
MAD65US281
MUD65US281
MED65US281
MDD65US281
85 ~ 264
28
2.33
65
0.11
91.5
MAD65US36
MUD65US36
MED65US36
MDD65US36
85 ~ 264
36
1.81
65
0.11
92.5
MAD65US48
MUD65US48
MED65US48
MDD65US48
85 ~ 264
48
1.36
65
0.11
93
MAD65US53
MUD65US53
MED65US53
MDD65US53
85 ~ 264
53
1.24
65
0.11
92.5


Similar Part No. - MAD65

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
MAD6A ETC2-MAD6A Datasheet
286Kb / 5P
   MA SERIES - MICRO-LIMIT SWITCHES
MAD6B ETC2-MAD6B Datasheet
286Kb / 5P
   MA SERIES - MICRO-LIMIT SWITCHES
MAD6C ETC2-MAD6C Datasheet
286Kb / 5P
   MA SERIES - MICRO-LIMIT SWITCHES
More results

Similar Description - MAD65

ManufacturerPart No.DatasheetDescription
Power Mate Technology Co., LTD
Power Mate Technology C...
MAD40 P-DUKE-MAD40 Datasheet
2Mb / 5P
   0.11 WATT LOW STANDBY POWER CONSUMPTION
TAD100 P-DUKE-TAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
MAD100 P-DUKE-MAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
MORNSUN Science& Technology Ltd.
MORNSUN Science& Techno...
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
   Low ripple & noise, Low standby power consumption
LO15-26D1305-03 MORNSUN-LO15-26D1305-03 Datasheet
1Mb / 4P
   Low ripple & noise, Low standby power consumption
Infineon Technologies AG
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
   Very low standby current consumption
Rev. 1.41, 2012-01-30
TAMURA Corporation.
TAMURA Corporation.
EPM1210SJ TAMURA-EPM1210SJ Datasheet
452Kb / 9P
   Power Modules 竊늁ower Supplies with Ultra-low Standby Power Consumption竊
Rohm
Rohm
BP5074 ROHM-BP5074 Datasheet
595Kb / 2P
   AC/DC converters with low power consumption during standby
Micross Components
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
Lowpower Semiconductor inc
Lowpower Semiconductor ...
LP4059 POWER-LP4059 Datasheet
365Kb / 9P
   Low standby power consumption 800mA Linear Li-Ion Battery Charger
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz