Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAD65 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part No. MAD65
Description  0.11 WATT LOW STANDBY POWER CONSUMPTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

MAD65 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  MAD65 Datasheet HTML 1Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 2Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 3Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 4Page - Power Mate Technology Co., LTD MAD65 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.PDUKE.com
2015/6/10
MAD65
SINGLE -OUTPUT
SERIES
2 X 3 Inch AC-DC POWER SUPPLIES
UNIVERSAL INPUT RANGE
UP TO 65Watts
FEATURES
APPLICATIONS
0.11 WATT LOW STANDBY POWER CONSUMPTION
WIDE INPUT VOLTAGE RANGE 85 TO 264VAC, 47 TO 63HZ
BUILT-IN CLASS B EMI FILTER
OUTPUT VOLTAGE ADJUSTABLE (SINGLE OUTPUT ONLY)
4000VAC INPUT TO OUTPUT 2MOPP INSULATION
PROTECTION TYPE CLASS I AND CLASS II
LOW LEAKAGE CURRENT UNDER 75µA
OPERATING ALTITUDE 5000M
5 YEAR WARRANTY
ANSI/AAMI ES60601-1, EN60601-1, & IEC60601-1 3rd EDITION SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
MEDICAL EQUIPMENT
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
4000VAC
ISOLATION
OCP
SCP
OVP
LOW
STANDBY
POWER
PART NUMBER STRUCTURE
M
A
D
65
U
S
12
Application
Package
Dimension
Output
Input
Output
Output
Protection
Code
Code
Power
Voltage
Quantity
Voltage
Type
(W)
(VAC)
(VDC)
Medical
A: Open type
U:Universal
S:Single
05: 5
No suffix: CLASS I
Application
U: U chassis type
85 ~ 264
7P5: 7.5
B: CLASS II
E: Enclosed type
09: 9
D: Din rail type
12: 12
15: 15
24: 24
28: 28
36: 36
48: 48
53: 53


Similar Part No. - MAD65

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
MAD6A ETC2-MAD6A Datasheet
286Kb / 5P
   MA SERIES - MICRO-LIMIT SWITCHES
MAD6B ETC2-MAD6B Datasheet
286Kb / 5P
   MA SERIES - MICRO-LIMIT SWITCHES
MAD6C ETC2-MAD6C Datasheet
286Kb / 5P
   MA SERIES - MICRO-LIMIT SWITCHES
More results

Similar Description - MAD65

ManufacturerPart No.DatasheetDescription
Power Mate Technology Co., LTD
Power Mate Technology C...
MAD40 P-DUKE-MAD40 Datasheet
2Mb / 5P
   0.11 WATT LOW STANDBY POWER CONSUMPTION
TAD100 P-DUKE-TAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
MAD100 P-DUKE-MAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
MORNSUN Science& Technology Ltd.
MORNSUN Science& Techno...
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
   Low ripple & noise, Low standby power consumption
LO15-26D1305-03 MORNSUN-LO15-26D1305-03 Datasheet
1Mb / 4P
   Low ripple & noise, Low standby power consumption
Infineon Technologies AG
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
   Very low standby current consumption
Rev. 1.41, 2012-01-30
TAMURA Corporation.
TAMURA Corporation.
EPM1210SJ TAMURA-EPM1210SJ Datasheet
452Kb / 9P
   Power Modules 竊늁ower Supplies with Ultra-low Standby Power Consumption竊
Rohm
Rohm
BP5074 ROHM-BP5074 Datasheet
595Kb / 2P
   AC/DC converters with low power consumption during standby
Micross Components
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
Lowpower Semiconductor inc
Lowpower Semiconductor ...
LP4059 POWER-LP4059 Datasheet
365Kb / 9P
   Low standby power consumption 800mA Linear Li-Ion Battery Charger
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz