Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM4104-EP Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM4104-EP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM4104-EP_15 Datasheet HTML 4Page - Texas Instruments PCM4104-EP_15 Datasheet HTML 5Page - Texas Instruments PCM4104-EP_15 Datasheet HTML 6Page - Texas Instruments PCM4104-EP_15 Datasheet HTML 7Page - Texas Instruments PCM4104-EP_15 Datasheet HTML 8Page - Texas Instruments PCM4104-EP_15 Datasheet HTML 9Page - Texas Instruments PCM4104-EP_15 Datasheet HTML 10Page - Texas Instruments PCM4104-EP_15 Datasheet HTML 11Page - Texas Instruments PCM4104-EP_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
FFT PLOT
Frequency (Hz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
1k
100
20
10k
20k
f
S = 48kHz
f
IN = 1kHz
0dBFS Amplitude
24−Bit Data
FFT PLOT
Frequency (Hz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
1k
100
20
10k
20k
f
S = 48kHz
f
IN = 1kHz
−20dBFS Amplitude
24−Bit Data
FFT PLOT
Frequency (Hz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
1k
100
20
10k
20k
f
S = 48kHz
Idle Channel Input
24−Bit Data
FFT PLOT
Frequency (Hz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
1k
100
20
10k
20k
f
S = 48kHz
f
IN = 1kHz
−60dBFS Amplitude
24−Bit Data
FFT PLOT
Frequency (Hz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
1k
100
20
10k
40k
f
S = 96kHz
f
IN = 1kHz
0dBFS Amplitude
24−Bit Data
FFT PLOT
Frequency (Hz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
1k
100
20
10k
40k
f
S = 96kHz
f
IN = 1kHz
−20dBFS Amplitude
24−Bit Data
PCM4104-EP
SBAS419 – JUNE 2007
All parameters are specified at TA = 25°C with VCC = 5 V, VDD = 3.3 V, and a measurement bandwidth from 10 Hz to 20 kHz,
unless otherwise noted. System clock frequency is equal to 256fS for Single and Dual Rate sampling modes, and 128fS for
Quad Rate sampling mode.
8
Submit Documentation Feedback


Similar Part No. - PCM4104-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
More results

Similar Description - PCM4104-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4202-EP TI1-PCM4202-EP Datasheet
1,000Kb / 29P
[Old version datasheet]   High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converte
PCM4202-EP TI-PCM4202-EP_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
JUNE 2007
logo
Burr-Brown (TI)
PCM4104 BURR-BROWN-PCM4104 Datasheet
486Kb / 36P
   High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
PCM4204 BURR-BROWN-PCM4204 Datasheet
554Kb / 34P
   HIGH PERFORMANCE 24 BIT 216KHZ SAMPLING FOUR CHANNEL AUDIO ANALOG TO DIGITAL CONVERTER
logo
National Semiconductor ...
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
   12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
logo
Texas Instruments
PCM4108 TI-PCM4108 Datasheet
551Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
ADC12048 TI1-ADC12048 Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048 NSC-ADC12048 Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Burr-Brown (TI)
PCM4202 BURR-BROWN-PCM4202 Datasheet
342Kb / 26P
   High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com