Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3168A-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM3168A-Q1
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168A-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  PCM3168A-Q1_15 Datasheet HTML 1Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 2Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 3Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 4Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 5Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 6Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 7Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 8Page - Texas Instruments PCM3168A-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
Over operating free-air temperature range (unless otherwise noted).
PCM3168A, PCM3168A-Q1
UNIT
Supply voltage: VCCAD1, VCCAD2, VCCDA1, VCCDA2
–0.3 to +6.5
V
Supply voltage: VDD1, VDD2
–0.3 to +4.0
V
Ground voltage differences:
±0.1
V
AGNDAD1, AGNDAD2, AGNDDA1, AGNDDA2, DGND1, DGND2
Supply voltage differences: VCCAD1, VCCAD2, VCCDA1, VCCDA2
±0.1
V
Supply voltage differences: VDD1, VDD2
±0.1
V
Digital input voltage: RST, MS, MC, MDI, SCK
–0.3 to +6.5
V
Digital input voltage:
–0.3 to (VDD + 0.3) < +4.0
V
BCKAD/DA, LRCKAD/DA, DIN1/2/3/4, DOUT1/2/3, MODE, OVF, ZERO, MDO
Analog input voltage: VIN1-6±, VCOMAD/DA, VOUT1-8±, VREFAD1/2
–0.3 to (VCC + 0.3) < +6.5
V
Input current (all pins except supplies)
±10
mA
Ambient temperature range (under bias)
–40 to +125
°C
Storage temperature
–55 to +150
°C
Junction temperature
+150
°C
Lead temperature (soldering, 5s)
+260
°C
Package temperature (IR reflow, peak)
+260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Over operating free-air temperature range (unless otherwise noted).
PCM3168A, PCM3168A-Q1
PARAMETER
MIN
TYP
MAX
UNIT
Analog supply voltage, VCC
4.5
5.0
5.5
V
Digital supply voltage, VDD
3.0
3.3
3.6
V
Digital Interface
LVTTL compatible
Sampling frequency,
8
96/192(1)
kHz
LRCKAD/LRCKDA(1)
Digital input clock frequency
System clock frequency, SCKI
2.048
36.864
MHz
Single-ended
1
VRMS
Analog input level
Differential
2
VRMS
Analog output voltage
Differential
8
VPP
To ac-coupled GND
5
k
Analog output load resistance
To dc-coupled GND
15
k
Analog output load capacitance
50
pF
Digital output load capacitance
20
pF
PCM3168A Consumer grade
–40
+25
+85
°C
Operating free-air temperature
PCM3168A-Q1 Automotive audio grade
–40
+25
+105
°C
(1)
192 kHz is supported only for DAC.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM3168A PCM3168A-Q1


Similar Part No. - PCM3168A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3168A-Q1 TI-PCM3168A-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
More results

Similar Description - PCM3168A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3168A TI-PCM3168A_15 Datasheet
1Mb / 68P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3168A TI-PCM3168A Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010 TI-PCM3010 Datasheet
434Kb / 31P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Cirrus Logic
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
   108 dB, 192 kHz 6-in, 8-out CODEC
CS42448 CIRRUS-CS42448_06 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
CS42448 CIRRUS-CS42448_07 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com