Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3070 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM3070
Description  PCM3070 Stereo Audio Codec With Embedded miniDSP
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3070 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM3070_15 Datasheet HTML 4Page - Texas Instruments PCM3070_15 Datasheet HTML 5Page - Texas Instruments PCM3070_15 Datasheet HTML 6Page - Texas Instruments PCM3070_15 Datasheet HTML 7Page - Texas Instruments PCM3070_15 Datasheet HTML 8Page - Texas Instruments PCM3070_15 Datasheet HTML 9Page - Texas Instruments PCM3070_15 Datasheet HTML 10Page - Texas Instruments PCM3070_15 Datasheet HTML 11Page - Texas Instruments PCM3070_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
PCM3070
SLAS724A – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
8.4 Thermal Information
PCM3070
THERMAL METRIC(1)
RHB (QFN)
UNIT
32 PINS
RθJA
Junction-to-ambient thermal resistance
31.4
RθJCtop
Junction-to-case (top) thermal resistance
21.4
RθJB
Junction-to-board thermal resistance
5.4
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
5.4
RθJCbot
Junction-to-case (bottom) thermal resistance
0.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8.5 Electrical Characteristics, ADC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO ADC (1) (2)
Input signal level (0dB)
Single-ended, CM = 0.9V
0.5
VRMS
1kHz sine wave input , Single-ended Configuration
IN1_R to Right ADC and IN1_L to Left ADC,
Rin = 20K, fs = 48kHz,
Device Setup
AOSR = 128, MCLK = 256 x fs,
PLL Disabled; AGC = OFF, Channel Gain = 0dB,
Processing Block = PRB_R1,
Inputs ac-shorted to ground
80
93
SNR
Signal-to-noise ratio, A-weighted(1)(2)
dB
IN2_R, IN3_R routed to Right ADC and ac-shorted to ground
93
IN2_L, IN3_L routed to Left ADC and ac-shorted to ground
DR
Dynamic range A-weighted(1)(2)
–60dB full-scale, 1-kHz input signal
92
dB
–3 dB full-scale, 1-kHz input signal
–85
–70
IN2_R, IN3_R routed to Right ADC
THD+N
Total Harmonic Distortion plus Noise
dB
IN2_L, IN3_L routed to Left ADC
–85
–3dB full-scale, 1-kHz input signal
AUDIO ADC
Input signal level (0dB)
Single-ended, CM = 0.75V, AVDD = 1.5V
0.375
VRMS
1kHz sine wave input, Single-ended Configuration
IN1_R, IN2_R, IN3_R routed to Right ADC
IN1_L, IN2_L, IN3_L routed to Left ADC
Device Setup
Rin = 20kΩ, fs = 48kHz,
AOSR = 128, MCLK = 256 x fs,
PLL Disabled, AGC = OFF, Channel Gain = 0dB,
Processing Block = PRB_R1
SNR
Signal-to-noise ratio, A-weighted (1)(2)
Inputs ac-shorted to ground
91
dB
DR
Dynamic range A-weighted(1)(2)
–60dB full-scale, 1-kHz input signal
90
dB
THD+N
Total Harmonic Distortion plus Noise
–3dB full-scale, 1-kHz input signal
–80
dB
(1)
Ratio of output level with 1kHz full-scale sine wave input, to the output level with the inputs short circuited, measured A-weighted over a
20Hz to 20kHz bandwidth using an audio analyzer.
(2)
All performance measured with 20kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may result in higher
THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter removes out-of-
band noise, which, although not audible, may affect dynamic specification values.
8
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: PCM3070


Similar Part No. - PCM3070_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
More results

Similar Description - PCM3070_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com