Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E111AEJCTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100E111AEJCTR
Description  5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E111AEJCTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100E111AEJCTR Datasheet HTML 1Page - Micrel Semiconductor SY100E111AEJCTR Datasheet HTML 2Page - Micrel Semiconductor SY100E111AEJCTR Datasheet HTML 3Page - Micrel Semiconductor SY100E111AEJCTR Datasheet HTML 4Page - Micrel Semiconductor SY100E111AEJCTR Datasheet HTML 5Page - Micrel Semiconductor SY100E111AEJCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
ClockWorks™
SY10E111AE/LE
SY100E111AE/LE
Micrel
Ordering
Package
Operating
VEE Range
Code
Type
Range
(V)
SY10E111AEJC
J28-1
Commercial
-4.75 to -5.5
SY10E111AEJCTR
J28-1
Commercial
-4.75 to -5.5
SY100E111AEJC
J28-1
Commercial
-4.2 to -5.5
SY100E111AEJCTR
J28-1
Commercial
-4.2 to -5.5
PRODUCT ORDERING CODE
5V
TIMING DIAGRAMS
Figure 1. Set-up Time
Figure 3. Release Time
Figure 2. Hold Time
SY10E111LEJC
J28-1
Commercial
-3.0 to -3.8
SY10E111LEJCTR
J28-1
Commercial
-3.0 to -3.8
SY100E111LEJC
J28-1
Commercial
-3.0 to -3.8
SY100E111LEJCTR
J28-1
Commercial
-3.0 to -3.8
3.3V
Ordering
Package
Operating
VEE Range
Code
Type
Range
(V)
SY10E111AEJI
J28-1
Industrial
-4.75 to -5.5
SY10E111AEJITR
J28-1
Industrial
-4.75 to -5.5
SY100E111AEJI
J28-1
Industrial
-4.2 to -5.5
SY100E111AEJITR
J28-1
Industrial
-4.2 to -5.5
5V
SY10E111LEJI
J28-1
Industrial
-3.0 to -3.8
SY10E111LEJITR
J28-1
Industrial
-3.0 to -3.8
SY100E111LEJI
J28-1
Industrial
-3.0 to -3.8
SY100E111LEJITR
J28-1
Industrial
-3.0 to -3.8
3.3V
IN
ts
IN
EN
Q
Q
50%
75 mV
75 mV
IN
th
IN
EN
Q
Q
50%
75 mV
75 mV
IN
tr
IN
EN
Q
Q
50%


Similar Part No. - SY100E111AEJCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E111AEJCTR MICREL-SY100E111AEJCTR Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY100E111AEJCTR MICREL-SY100E111AEJCTR Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
More results

Similar Description - SY100E111AEJCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_06 Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111A MICREL-SY10E111A Datasheet
84Kb / 5P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
SY10E111A MICREL-SY10E111A_06 Datasheet
76Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111 MICREL-SY10E111_06 Datasheet
68Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com