Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2707C Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM2707C
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2707C Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM2707C_15 Datasheet HTML 7Page - Texas Instruments PCM2707C_15 Datasheet HTML 8Page - Texas Instruments PCM2707C_15 Datasheet HTML 9Page - Texas Instruments PCM2707C_15 Datasheet HTML 10Page - Texas Instruments PCM2707C_15 Datasheet HTML 11Page - Texas Instruments PCM2707C_15 Datasheet HTML 12Page - Texas Instruments PCM2707C_15 Datasheet HTML 13Page - Texas Instruments PCM2707C_15 Datasheet HTML 14Page - Texas Instruments PCM2707C_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
PCM2704C, PCM2705C, PCM2706C, PCM2707C
www.ti.com
SBFS036B – MAY 2015 – REVISED AUGUST 2015
7.7 Audio Interface Timing Characteristics
Load capacitance of LRCK, BCK, and DOUT is 20 pF. For timing diagrams, see Figure 1 and Figure 2.
MIN
MAX
UNIT
t(BCY)
BCK pulse cycle time
300
ns
t(BCH)
BCK pulse duration, high
100
ns
t(BCL)
BCK pulse duration, low
100
ns
t(BL)
LRCK delay time from BCK falling edge
–20
40
ns
t(BD)
DOUT delay time from BCK falling edge
–20
40
ns
t(LD)
DOUT delay time from LRCK edge
–20
40
ns
t(DS)
DIN setup time
20
ns
t(DH)
DIN hold time
20
ns
7.8 Audio Clock Timing Characteristics
Load capacitance is 20 pF. For timing diagrams, see Figure 3.
MIN
MAX
UNIT
t(SLL), t(SLH)
LRCK delay time from SYSCK rising edge
–5
10
ns
t(SBL), t(SBH)
BCK delay time from SYSCK rising edge
–5
10
ns
7.9 External ROM Read Interface Timing Characteristics
For timing diagrams, see Figure 4.
MIN
MAX
UNIT
ƒ(CK)
CK clock frequency
100
kHz
t(BUF)
Bus free time between a STOP and a START condition
4.7
μs
t(LOW)
Low period of the CK clock
4.7
μs
t(HI)
High period of the CK clock
4
μs
t(RS-SU)
Setup time for START/repeated START condition
4.7
μs
t(S-HD)
Hold time for START/repeated START condition
4
μs
t(RS-HD)
t(D-SU)
Data setup time
250
ns
t(D-HD)
Data hold time
0
900
ns
t(CK-R)
Rise time of CK signal
20 + 0.1 CB
1000
ns
t(CK-F)
Fall time of CK signal
20 + 0.1 CB
1000
ns
t(DT-R)
Rise time of DT signal
20 + 0.1 CB
1000
ns
t(DT-F)
Fall time of DT signal
20 + 0.1 CB
1000
ns
t(P-SU)
Setup time for STOP condition
4
μs
CB
Capacitive load for DT and CK lines
400
pF
VNH
Noise margin at high level for each connected device (including hysteresis)
0.2 VDD
V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C


Similar Part No. - PCM2707C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2707CPJT TI1-PCM2707CPJT Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2707CPJT TI1-PCM2707CPJT Datasheet
1Mb / 47P
[Old version datasheet]   Stereo Audio DAC
PCM2707CPJTR TI1-PCM2707CPJTR Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2707CPJTR TI1-PCM2707CPJTR Datasheet
1Mb / 47P
[Old version datasheet]   Stereo Audio DAC
More results

Similar Description - PCM2707C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704C TI-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output
PCM2704C TI1-PCM2704C_14 Datasheet
1Mb / 41P
[Old version datasheet]   Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704 TI-PCM2704 Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com