Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E107JC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E107JC
Description  QUINT 2-INPUT XOR/XNOR GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E107JC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E107JC Datasheet HTML 1Page - Micrel Semiconductor SY10E107JC Datasheet HTML 2Page - Micrel Semiconductor SY10E107JC Datasheet HTML 3Page - Micrel Semiconductor SY10E107JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E107
SY100E107
Micrel
LOGIC EQUATION
F = (D0a
⊕ D0b) + (D1a ⊕ D1b) + (D2a ⊕ D2b) + (D3a ⊕ D3b) + (D4a ⊕ D4b)
F = Q0 + Q1 + Q2 + Q3 + Q4
VEE = VEE (Min.) to VEE (Max); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. MIin. Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
200
200
200
µA—
IEE
Power Supply Current
mA
10E
42
50
42
50
42
50
100E
42
50
42
50
48
58
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
tPHL
D to Q
250
410
600
250
410
600
250
410
600
D to F
500
725
1000
500
725
1000
500
725
1000
tskew
Within-Device Skew, D to Q
75
75
75
ps
1
tr
Rise/Fall Time
ps
tf
20% to 80%
Q
275
450
700
275
450
700
275
450
700
F
300
475
700
300
475
700
300
475
700
NOTE:
1. Within-device skew is defined as identical transitions on similar paths through a device.
AC ELECTRICAL CHARACTERISTICS
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E107JC
J28-1
Commercial
SY10E107JCTR
J28-1
Commercial
SY100E107JC
J28-1
Commercial
SY100E107JCTR
J28-1
Commercial


Similar Part No. - SY10E107JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E107JC MICREL-SY10E107JC Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
SY10E107JCTR MICREL-SY10E107JCTR Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
More results

Similar Description - SY10E107JC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107_06 Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07_06 Datasheet
49Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com