Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E107 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10E107
Description  QUINT 2-INPUT XOR/XNOR GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E107 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10E107 Datasheet HTML 1Page - Micrel Semiconductor SY10E107 Datasheet HTML 2Page - Micrel Semiconductor SY10E107 Datasheet HTML 3Page - Micrel Semiconductor SY10E107 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
s 600ps max. propagation delay
s Extended 100E VEE range of –4.2V to –5.5V
s True and complementary outputs
s OR/NOR function outputs
s Fully compatible with Industry standard 10KH,
100K I/O levels
s Internal 75K
input pulldown resistors
s Fully compatible with Motorola MC10E/100E107
s Available in 28-pin PLCC package
The SY10/100E107 offer five 2-input XOR/XNOR gates
and are designed for use in new, high- performance ECL
systems.
The E107 also features a function output, F, which is the
OR of all five XOR gate outputs, while F is the NOR. Both
true and complementary outputs are provided.
QUINT 2-INPUT
XOR/XNOR GATE
FEATURES
DESCRIPTION
SY10E107
SY100E107
Rev.: C
Amendment: /1
Issue Date:
February, 1998
PIN CONFIGURATION
Pin
Function
Dna, Dnb
Data Inputs
Q0-Q4
XOR Outputs
Q0-Q4
XNOR Outputs
F
OR Output
F
NOR Output
VCCO
VCC to Output
PIN NAMES
VEE
D3b
D2a
D1b
D1a
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25
24
23
22
21
20
19
56789
10
11
D0a
D2b
Q4
PLCC
TOP VIEW
J28-1
Q4
VCC
Q3
Q3
Q2
Q2
BLOCK DIAGRAM
D0a
D0b
D1a
D1b
D2a
D2b
D3a
D3b
D4a
D4b
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
F
F
Q4
Q4
1


Similar Part No. - SY10E107

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107 Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
SY10E107JC MICREL-SY10E107JC Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
SY10E107JCTR MICREL-SY10E107JCTR Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
SY10E107JZ MICREL-SY10E107JZ Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
SY10E107JZTR MICREL-SY10E107JZTR Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
More results

Similar Description - SY10E107

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107_06 Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07_06 Datasheet
49Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com