Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJW2P10A Datasheet(PDF) 7 Page - Pan Jit International Inc.

Part # PJW2P10A
Description  100V P-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJW2P10A Datasheet(HTML) 7 Page - Pan Jit International Inc.

  PJW2P10A Datasheet HTML 1Page - Pan Jit International Inc. PJW2P10A Datasheet HTML 2Page - Pan Jit International Inc. PJW2P10A Datasheet HTML 3Page - Pan Jit International Inc. PJW2P10A Datasheet HTML 4Page - Pan Jit International Inc. PJW2P10A Datasheet HTML 5Page - Pan Jit International Inc. PJW2P10A Datasheet HTML 6Page - Pan Jit International Inc. PJW2P10A Datasheet HTML 7Page - Pan Jit International Inc. PJW2P10A Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PPJW2P10A
July 7,2015-REV.00
Page 7
PART NO PACKING CODE VERSION
MOUNTING PAD LAYOUT
Part No Packing Code
Package Type
Packing type
Marking
Version
PJW2P10A_R2_00001
SOT-223
2,500pcs / 13
” reel
W2P10A
Halogen free


Similar Part No. - PJW2P10A

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PJW HAMMOND-PJW Datasheet
143Kb / 3P
   Boite de jonction en polyester de type 4X avec regard
logo
Pan Jit International I...
PJW1NA50 PANJIT-PJW1NA50 Datasheet
535Kb / 8P
   500V N-Channel MOSFET
PJW1NA60A PANJIT-PJW1NA60A Datasheet
421Kb / 8P
   600V N-Channel MOSFET
PJW1NA80 PANJIT-PJW1NA80 Datasheet
373Kb / 8P
   800V N-Channel MOSFET
logo
Hammond Manufacturing L...
PJW363010L HAMMOND-PJW363010L Datasheet
253Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - PJW2P10A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP10H400SK3 DIODES-DMP10H400SK3 Datasheet
282Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
   100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
   100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
FDMS86163P LEIDITECH-FDMS86163P Datasheet
2Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com