Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1681 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1681
Description  PCM1681 24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma,Eight-Channel Audio Digital-to-Analog Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1681 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1681_15 Datasheet HTML 4Page - Texas Instruments PCM1681_15 Datasheet HTML 5Page - Texas Instruments PCM1681_15 Datasheet HTML 6Page - Texas Instruments PCM1681_15 Datasheet HTML 7Page - Texas Instruments PCM1681_15 Datasheet HTML 8Page - Texas Instruments PCM1681_15 Datasheet HTML 9Page - Texas Instruments PCM1681_15 Datasheet HTML 10Page - Texas Instruments PCM1681_15 Datasheet HTML 11Page - Texas Instruments PCM1681_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
PCM1681, PCM1681-Q1
SLES211C – FEBRUARY 2008 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
All specifications at VCC = 5.0 V, VDD = 3.3 V, fS = 48 kHz, system clock = 512 fS, and 24-bit data, narrow o/s mode, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
0.75
Output voltage
Full-scale (–0 dB)
VPP
VCC
0.486
Bipolar zero voltage
VDC
VCC
Load impedance
AC-coupled load
5
k
DIGITAL FILTER PERFORMANCE
Filter Characteristics (Sharp Roll-Off)
Passband
±0.015 dB
0.454 fS
Stop band
0.546 fS
Passband ripple
±0.015
dB
Stop band attenuation
Stop band = 0.546 fS
–57
dB
Filter Characteristics (Slow Roll-Off)
Passband
±0.004 dB
0.261 fS
Stop band
0.727 fS
Passband ripple
±0.004
dB
Stop band attenuation
Stop band = 0.727 fS
–56
dB
Filter Characteristics
Delay time
24/fS
De-emphasis error
±0.1
dB
ANALOG FILTER PERFORMANCE
at 20 kHz
–0.02
Frequency response
dB
at 44 kHz
–0.07
POWER-SUPPLY REQUIREMENTS
VDD
3
3.3
3.6
Voltage range
VDC
VCC
4.5
5.0
5.5
fS = 48 kHz
13
20
IDD
Supply current
fS = 96 kHz, system clock = 256 fS
18
mA
fS = 192 kHz, system clock = 128 fS
23
fS = 48 kHz
62
80
ICC
Supply current
fS = 96 kHz, system clock = 256 fS
62
mA
fS = 192 kHz, system clock = 128 fS
62
fS = 48 kHz
353
466
Power dissipation
fS = 96 kHz, system clock = 256 fS
369
mW
fS = 192 kHz, system clock = 128 fS
386
TEMPERATURE RANGE
PCM1681
–40
85
°C
Operating temperature
PCM1681-Q1
–40
105
°C
θJA
Thermal resistance
28-pin TSSOP PowerPAD™
28
°C/W
8
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: PCM1681 PCM1681-Q1


Similar Part No. - PCM1681_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1681 TI1-PCM1681_15 Datasheet
1Mb / 44P
[Old version datasheet]   Sampling, Enhanced Multilevel Delta-Sigma
More results

Similar Description - PCM1681_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com