Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S891JCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S891JCTR
Description  5-BIT REGISTERED TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S891JCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S891JCTR Datasheet HTML 1Page - Micrel Semiconductor SY100S891JCTR Datasheet HTML 2Page - Micrel Semiconductor SY100S891JCTR Datasheet HTML 3Page - Micrel Semiconductor SY100S891JCTR Datasheet HTML 4Page - Micrel Semiconductor SY100S891JCTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Pin
Function
BUSEN0–4
Bus Enable Inputs
D0 – D4
Data Inputs
CLK1
Bus Driver Clock Input
CLK2
Receive Register Clock
MR
Master Reset
Q0 – Q4
Bus Receive Outputs
BUS0–4
Bus Outputs
DESCRIPTION
FEATURES
s 25
cut-off bus outputs
s 50
receiver outputs
s Transmit and receive registers with separate clocks
s 1500ps max. delay from CLK1 to Bus Outputs (BUS)
s 1500ps max. delay from CLK2 to Receiver Outputs (Q)
s Individual bus enable pins
s Internal 75K
input pull-down resistors
s Voltage and temperature compensation for improved
noise immunity
s Industry standard 100K ECL levels
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Available in 28-pin PLCC package
The SY100S891 is a 5-bit registered transceiver
containing five bus transceivers with both transmit and
receive registers. The bus outputs (BUS0 – BUS4) are
specified for driving a 25 ohm bus and the receive outputs
(Q0 – Q4) are specified for driving a 50 ohm line. The
bus outputs have a normal high level output voltage and
a normal low level output voltage when the bus enable
(BUSEN0 – BUSEN4) is high. However, the output is
switched to a cut-off level when a bus-enable is low.
This cut-off level is sufficiently low that a relatively high
impedance is presented to the bus in order to minimize
reflections. There is one bus-enable for each bus driver;
a clock (CLK1) which is common to all five bus driver
registers; and a separate clock (CLK2) which is common
to all five receive registers. Data at the D inputs is clocked
to the Bus register by a positive transition of CLK1 and
data on the bus is clocked into the Receiver register by
a positive transition of CLK2. A high on the Master Reset
clears all registers.
5-BIT REGISTERED
TRANSCEIVER
PIN CONFIGURATION
PIN NAMES
SY100S891
Rev.: E
Amendment: /0
Issue Date: August, 1998
TOP VIEW
PLCC
J28-1
26
27
28
1
2
3
4
18
17
16
15
14
13
12
Q3
VCC
Q2
VCCA
BUS3
BUS2
Q1
25
24 23 22
21 20
19
56
789
10 11
VEE
MR
CLK1
BUSEN2
D1
CLK2
D2
1


Similar Part No. - SY100S891JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S891JCTR MICREL-SY100S891JCTR Datasheet
70Kb / 6P
   5-BIT REGISTERED TRANSCEIVER
More results

Similar Description - SY100S891JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S891 MICREL-SY100S891_06 Datasheet
70Kb / 6P
   5-BIT REGISTERED TRANSCEIVER
logo
Texas Instruments
CY74FCT163500 TI-CY74FCT163500 Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
CY74FCT163652 TI1-CY74FCT163652 Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
SN74LVCH16952A TI1-SN74LVCH16952A_08 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT163646 TI-CY74FCT163646 Datasheet
71Kb / 8P
[Old version datasheet]   16-Bit Registered Transceiver
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com