Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJF7NA65 Datasheet(PDF) 8 Page - Pan Jit International Inc.

Part # PJF7NA65
Description  650V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJF7NA65 Datasheet(HTML) 8 Page - Pan Jit International Inc.

  PJF7NA65 Datasheet HTML 1Page - Pan Jit International Inc. PJF7NA65 Datasheet HTML 2Page - Pan Jit International Inc. PJF7NA65 Datasheet HTML 3Page - Pan Jit International Inc. PJF7NA65 Datasheet HTML 4Page - Pan Jit International Inc. PJF7NA65 Datasheet HTML 5Page - Pan Jit International Inc. PJF7NA65 Datasheet HTML 6Page - Pan Jit International Inc. PJF7NA65 Datasheet HTML 7Page - Pan Jit International Inc. PJF7NA65 Datasheet HTML 8Page - Pan Jit International Inc. PJF7NA65 Datasheet HTML 9Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PPJU7NA65 / PJU7NA65-1 / PJD7NA65 / PJP7NA65 / PJF7NA65
March 16,2015-REV.02
Page 8
PART NO PACKING CODE VERSION
Part No Packing Code
Package Type
Packing type
Marking
Version
PJU7NA65_T0_00001
TO-251AA
80pcs / Tube
U7NA65
Halogen free
PJU7NA65-1_T0_00001
TO-251AA-1
80pcs / Tube
7NA65
Halogen free
PJD7NA65_L2_00001
TO-252AA
3,000pcs / 13
” reel
D7NA65
Halogen free
PJP7NA65_T0_00001
TO-220AB
50pcs / Tube
P7NA65
Halogen free
PJF7NA65_T0_00001
ITO-220AB-F
50pcs / Tube
F7NA65
Halogen free


Similar Part No. - PJF7NA65

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJF7NA60 PANJIT-PJF7NA60 Datasheet
475Kb / 9P
   600V N-Channel MOSFET
More results

Similar Description - PJF7NA65

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com