Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJU7NA65 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJU7NA65
Description  650V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJU7NA65 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJU7NA65 Datasheet HTML 1Page - Pan Jit International Inc. PJU7NA65 Datasheet HTML 2Page - Pan Jit International Inc. PJU7NA65 Datasheet HTML 3Page - Pan Jit International Inc. PJU7NA65 Datasheet HTML 4Page - Pan Jit International Inc. PJU7NA65 Datasheet HTML 5Page - Pan Jit International Inc. PJU7NA65 Datasheet HTML 6Page - Pan Jit International Inc. PJU7NA65 Datasheet HTML 7Page - Pan Jit International Inc. PJU7NA65 Datasheet HTML 8Page - Pan Jit International Inc. PJU7NA65 Datasheet HTML 9Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PPJU7NA65 / PJU7NA65-1 / PJD7NA65 / PJP7NA65 / PJF7NA65
March 16,2015-REV.02
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250uA
650
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
2
2.88
4
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V,ID=3.5A
-
1.35
1.5
Ω
Zero Gate Voltage Drain Current
IDSS
VDS=650V,VGS=0V
-
0.03
1.0
uA
Gate-Source Leakage Current
IGSS
VGS=+30V,VDS=0V
-
+10
+100
nA
Diode Forward Voltage
VSD
IS=7A,VGS=0V
-
0.88
1.4
V
Dynamic
(Note 4)
Total Gate Charge
Qg
VDS=520V, ID=7A,
VGS=10V
(Note 2,3)
-
16.8
-
nC
Gate-Source Charge
Qgs
-
5
-
Gate-Drain Charge
Qgd
-
6
-
Input Capacitance
Ciss
VDS=25V, VGS=0V,
f=1.0MHZ
-
754
-
pF
Output Capacitance
Coss
-
97
-
Reverse Transfer Capacitance
Crss
-
0.8
-
Turn-On Delay Time
td(on)
VDD=325V, ID=7A,
RG=25Ω
(Note 2,3)
-
14
-
ns
Turn-On Rise Time
tr
-
28
-
Turn-Off Delay Time
td(off)
-
38
-
Turn-Off Fall Time
tf
-
28
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
7
A
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
---
-
-
28
A
Reverse Recovery Time
trr
VGS=0V, IS=7A
dIF/ dt=100A/us
(Note 2)
-
493
-
ns
Reverse Recovery Charge
Qrr
-
2.99
-
uC
NOTES :
1.
L=30mH, IAS=5.25A, VDD=50V, RG=25 ohm, Starting TJ=25
oC
2.
Pulse width<300us, Duty cycle<2%
3.
Essentially independent of operating temperature typical characteristics.
4.
Guaranteed by design, not subject to production testing


Similar Part No. - PJU7NA65

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJU7NA60 PANJIT-PJU7NA60 Datasheet
475Kb / 9P
   600V N-Channel MOSFET
PJU7NA60-1 PANJIT-PJU7NA60-1 Datasheet
475Kb / 9P
   600V N-Channel MOSFET
More results

Similar Description - PJU7NA65

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com