Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S891JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S891JC
Description  5-BIT REGISTERED TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S891JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S891JC Datasheet HTML 1Page - Micrel Semiconductor SY100S891JC Datasheet HTML 2Page - Micrel Semiconductor SY100S891JC Datasheet HTML 3Page - Micrel Semiconductor SY100S891JC Datasheet HTML 4Page - Micrel Semiconductor SY100S891JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY100S891
Micrel
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VCUT
Cut-off Bus Output Voltage
–2200
–2160
–2100
mV
VIN = VIH (Max.) or VIL (Min.)
Loading with
25
Ω to –2.20V
VOH
Output HIGH Voltage Bus
–1025
–955
–880
mV
VIN = VIH (Max.) or VIL (Min.)
Loading with
VOL
Output LOW Voltage Bus
–1810
–1705
–1620
mV
25
Ω to –2.0V
VOHA
Output HIGH Voltage Bus
–1035
——
mV
VIN = VIH (Min.) or VIL (Max.)
VOLA
Output LOW Voltage Bus
——
–1610
mV
VOH
Output HIGH Voltage Receiver
–1025
–955
–880
mV
VIN = VIH (Max.) or VIL (Min.)
Loading with
VOL
Output LOW Voltage Receiver
–1810
–1705
–1620
mV
50
Ω to –2.0V
VOHA
Output HIGH Voltage Receiver
–1035
——
mV
VIN = VIH (Min.) or VIL (Max.)
VOLA
Output LOW Voltage Receiver
——
–1610
mV
VIH
Input HIGH Voltage
–1165
—–880
mV
Guaranteed HIGH Signal for All Inputs
VIL
Input LOW Voltage
–1810
—–1475
mV
Guaranteed LOW Signal for All Inputs
IIL
Input LOW Current
0.5
——
µAVIN = VIL (Min.)
IIH
Input High Current
——
150
µAVIN = VIH (Max.)
IEE
Power Supply Current
–216
——
mA
Inputs Open
CIN
Input Pin Capacitance
4
pF
COUT
Output Pin Capacitance
5
pF


Similar Part No. - SY100S891JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S891JC MICREL-SY100S891JC Datasheet
70Kb / 6P
   5-BIT REGISTERED TRANSCEIVER
SY100S891JCTR MICREL-SY100S891JCTR Datasheet
70Kb / 6P
   5-BIT REGISTERED TRANSCEIVER
More results

Similar Description - SY100S891JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S891 MICREL-SY100S891_06 Datasheet
70Kb / 6P
   5-BIT REGISTERED TRANSCEIVER
logo
Texas Instruments
CY74FCT163500 TI-CY74FCT163500 Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
CY74FCT163652 TI1-CY74FCT163652 Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
SN74LVCH16952A TI1-SN74LVCH16952A_08 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT163646 TI-CY74FCT163646 Datasheet
71Kb / 8P
[Old version datasheet]   16-Bit Registered Transceiver
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com