Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S863JCTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY100S863JCTR
Description  8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S863JCTR Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY100S863JCTR Datasheet HTML 1Page - Micrel Semiconductor SY100S863JCTR Datasheet HTML 2Page - Micrel Semiconductor SY100S863JCTR Datasheet HTML 3Page - Micrel Semiconductor SY100S863JCTR Datasheet HTML 4Page - Micrel Semiconductor SY100S863JCTR Datasheet HTML 5Page - Micrel Semiconductor SY100S863JCTR Datasheet HTML 6Page - Micrel Semiconductor SY100S863JCTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
SY100S863
Micrel
Ordering
Package
Operating
Code
Type
Range
SY100S863JC
J28-1
Commercial
SY100S863JCTR
J28-1
Commercial
PECL-TO-TTL SWITCHING WAVEFORMS
PECL DATA
TTL OUTPUT
tPLH
tPHL
1.5V
3V
0V
1.5V
1.5V
1.5V
Figure 4a. PECL-to-TTL Transition, Data to TTL Output Delay
EN
TTL OUTPUT
tPLZ
tPZH
3V
1.5V
1.5V
1.5V
tPZL
TTL OUTPUT
0V
1.5V
tPHZ
0.3V
VOH
0V
3.5V
0.3V
VOL
Figure 4b. EN to TTL Output Enable and Disable Times
PRODUCT ORDERING CODE


Similar Part No. - SY100S863JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S863JCTR MICREL-SY100S863JCTR Datasheet
79Kb / 8P
   8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
More results

Similar Description - SY100S863JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S863 MICREL-SY100S863_06 Datasheet
79Kb / 8P
   8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT28 ONSEMI-MC10ELT28_15 Datasheet
88Kb / 8P
   TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
logo
Micrel Semiconductor
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com