Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJP5NA80 Datasheet(PDF) 8 Page - Pan Jit International Inc.

Part # PJP5NA80
Description  800V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJP5NA80 Datasheet(HTML) 8 Page - Pan Jit International Inc.

  PJP5NA80 Datasheet HTML 1Page - Pan Jit International Inc. PJP5NA80 Datasheet HTML 2Page - Pan Jit International Inc. PJP5NA80 Datasheet HTML 3Page - Pan Jit International Inc. PJP5NA80 Datasheet HTML 4Page - Pan Jit International Inc. PJP5NA80 Datasheet HTML 5Page - Pan Jit International Inc. PJP5NA80 Datasheet HTML 6Page - Pan Jit International Inc. PJP5NA80 Datasheet HTML 7Page - Pan Jit International Inc. PJP5NA80 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PPJU5NA80 / PJD5NA80 / PJP5NA80 / PJF5NA80
March 10,2014-REV.00
Page 8
Disclaimer
● Reproducing and modifying information of the document is prohibited without permission from Panjit
International Inc..
● Panjit International Inc. reserves the rights to make changes of the content herein the document anytime
without notification. Please refer to our website for the latest document.
● Panjit International Inc. disclaims any and all liability arising out of the application or use of any product
including damages incidentally and consequentially occurred.
● Panjit International Inc. does not assume any and all implied warranties, including warranties of fitness for
particular purpose, non-infringement and merchantability.
● Applications shown on the herein document are examples of standard use and operation. Customers are
responsible in comprehending the suitable use in particular applications. Panjit International Inc. makes no
representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
● The products shown herein are not designed and authorized for equipments requiring high level of reliability or
relating to human life and for any applications concerning life-saving or life-sustaining, such as medical
instruments, transportation equipment, aerospace machinery et cetera. Customers using or selling these
products for use in such applications do so at their own risk and agree to fully indemnify Panjit International
Inc. for any damages resulting from such improper use or sale.
● Since Panjit uses lot number as the tracking base, please provide the lot number for tracking when
complaining.


Similar Part No. - PJP5NA80

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP5NA50 PANJIT-PJP5NA50 Datasheet
404Kb / 8P
   500V N-Channel MOSFET
More results

Similar Description - PJP5NA80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com