Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJF4NA60 Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # PJF4NA60
Description  600V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJF4NA60 Datasheet(HTML) 6 Page - Pan Jit International Inc.

  PJF4NA60 Datasheet HTML 1Page - Pan Jit International Inc. PJF4NA60 Datasheet HTML 2Page - Pan Jit International Inc. PJF4NA60 Datasheet HTML 3Page - Pan Jit International Inc. PJF4NA60 Datasheet HTML 4Page - Pan Jit International Inc. PJF4NA60 Datasheet HTML 5Page - Pan Jit International Inc. PJF4NA60 Datasheet HTML 6Page - Pan Jit International Inc. PJF4NA60 Datasheet HTML 7Page - Pan Jit International Inc. PJF4NA60 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PPJU4NA60 / PJD4NA60 / PJP4NA60 / PJF4NA60
March 10,2014-REV.00
Page 6
Packaging Information
.
ITO-220AB-F Dimension
Unit: mm
TO-220AB Dimension
Unit: mm
TO-252AA Dimension
Unit: mm
TO-251AA Dimension
Unit: mm


Similar Part No. - PJF4NA60

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJF4NA65A PANJIT-PJF4NA65A Datasheet
324Kb / 7P
   650V N-Channel MOSFET
PJF4NA65H PANJIT-PJF4NA65H Datasheet
525Kb / 8P
   650V N-Channel MOSFET
More results

Similar Description - PJF4NA60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com