Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJU3NA80 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # PJU3NA80
Description  800V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJU3NA80 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  PJU3NA80 Datasheet HTML 1Page - Pan Jit International Inc. PJU3NA80 Datasheet HTML 2Page - Pan Jit International Inc. PJU3NA80 Datasheet HTML 3Page - Pan Jit International Inc. PJU3NA80 Datasheet HTML 4Page - Pan Jit International Inc. PJU3NA80 Datasheet HTML 5Page - Pan Jit International Inc. PJU3NA80 Datasheet HTML 6Page - Pan Jit International Inc. PJU3NA80 Datasheet HTML 7Page - Pan Jit International Inc. PJU3NA80 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PPJU3NA80 / PJD3NA80 / PJP3NA80 / PJF3NA80
March 10,2014-REV.00
Page 5
TYPICAL CHARACTERISTIC CURVES
Fig.13 PJU/PJD Normalized Transient Thermal Impedance vs. Pulse Width
Fig.14 PJP3NA80 Normalized Transient Thermal Impedance vs. Pulse Width
Fig.15 PJF3NA80 Normalized Transient Thermal Impedance vs. Pulse Width


Similar Part No. - PJU3NA80

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJU3NA50 PANJIT-PJU3NA50 Datasheet
274Kb / 7P
   500V N-Channel MOSFET
More results

Similar Description - PJU3NA80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com