Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL9961 Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # IL9961
Description  Architecture and decorative LED lighting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL9961 Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

Back Button IL9961 Datasheet HTML 3Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 4Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 5Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 6Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 7Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 8Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 9Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 10Page - IK Semicon Co., Ltd IL9961 Datasheet HTML 11Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IL9961
2013 December, Ver. 00
Electrical Parameters continued
Symbol
Description
Test Conditions
Limit
Ambient
Tempe-
rature,
°
С
Unit
Min
Max
VCS(LIM)
Threshold voltage of
the absolute maxi-
mum current control
block in load
VDD = VDDR,
VIN = 12.0 V
410
390
470
490
25
 10
–40~125
mV
ISOURCE
GATE pin high level
output current
VDD = 7.5 V,
VGATE = 0 V
│-165│
│-100│
-
mA
ISINK
GATE pin low level
output current
VDD = 7.5 V,
VGATE = VDD
165
100
-
mA
IINsd
Consumption current
in off-mode
VIN = 12.0 V,
VLD = VDD,
VPWMD = 0 V
-
0.9
1.0
mA
tBLANK
Front edge blanking
time of the current
control
VIN = 12.0 V,
VDD = VDDR
155
150
310
320
ns
tON(MIN)
Driver enable mini-
mum time
VIN = 12.0 V,
VDD = VDDR,
VCS = 520 mV
-
1000
1500
ns
tDELAY
Switch-over delay
time of the output
GATE during the si-
nal alteration at the
input CS
VIN = 12.0 V,
VDD = VDDR,
VCS = 520 mV
-
150
200
ns
tHICCUP
Driver disable time in
the limit current mode
VIN = 12.0 V,
VDD = VDDR,
VCS = VDD
330
250
550
650
us
tON(LIM)
Driver enable mini-
mum time in absolute
maximum current
mode
VIN = 12.0 V,
VDD = VDDR,
VCS = VDD
-
430
515
us
tOFF
Driver disable time
duration
VIN = 12.0 V,
VDD = VDDR,
ROSC = 1 mOhm
32
25
48
55
us
VIN = 12.0 V,
VDD = VDDR,
ROSC = 226
kOhm
8
6
12
14


Similar Part No. - IL9961

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL9910-A IKSEMICON-IL9910-A Datasheet
638Kb / 11P
   8V to 450V input range
IL9921 IKSEMICON-IL9921 Datasheet
316Kb / 6P
   HIGH-VOLTAGE LED DRIVER
More results

Similar Description - IL9961

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS2801 ETC1-WS2801 Datasheet
428Kb / 15P
   LED decorative lighting
logo
ADTech
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
   specifically designed for LED lighting and decorative LED lighting applications
logo
OSRAM GmbH
PLT5520EA_P OSRAM-PLT5520EA_P Datasheet
1Mb / 16P
   Architecture / Garden Lighting (LED & Laser)
PLT5522EA_P OSRAM-PLT5522EA_P Datasheet
1Mb / 16P
   Architecture / Garden Lighting (LED & Laser)
logo
OPTEK Technologies
OVM18F4W7 OPTEK-OVM18F4W7 Datasheet
268Kb / 2P
   Special decorative interior/exterior lighting
logo
BetLux Electronics
BL-HP12E-5W BETLUX-BL-HP12E-5W Datasheet
225Kb / 4P
   5W LEDs suitable for illumination lamps and decorative lighting
BL-HP15E-10W BETLUX-BL-HP15E-10W Datasheet
228Kb / 4P
   10W LEDs suitable for illumination lamps and decorative lighting
BL-HP26E-30W BETLUX-BL-HP26E-30W Datasheet
222Kb / 4P
   30W LEDs suitable for illumination lamps and decorative lighting
BL-HP7E-1W BETLUX-BL-HP7E-1W Datasheet
236Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP9E-1W BETLUX-BL-HP9E-1W Datasheet
218Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com