Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJF2NA90 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # PJF2NA90
Description  900V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJF2NA90 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  PJF2NA90 Datasheet HTML 1Page - Pan Jit International Inc. PJF2NA90 Datasheet HTML 2Page - Pan Jit International Inc. PJF2NA90 Datasheet HTML 3Page - Pan Jit International Inc. PJF2NA90 Datasheet HTML 4Page - Pan Jit International Inc. PJF2NA90 Datasheet HTML 5Page - Pan Jit International Inc. PJF2NA90 Datasheet HTML 6Page - Pan Jit International Inc. PJF2NA90 Datasheet HTML 7Page - Pan Jit International Inc. PJF2NA90 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PPJU2NA90 / PJP2NA90 / PJF2NA90 / PJD2NA90
April 24,2015-REV.00
Page 5
TYPICAL CHARACTERISTIC CURVES
Fig.13 PJU/PJD Normalized Transient Thermal Impedance vs. Pulse Width
Fig.14 PJP2NA90 Normalized Transient Thermal Impedance vs. Pulse Width
Fig.15 PJF2NA90 Normalized Transient Thermal Impedance vs. Pulse Width


Similar Part No. - PJF2NA90

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJF2NA1K PANJIT-PJF2NA1K Datasheet
540Kb / 8P
   900V N-Channel MOSFET
PJF2NA60 PANJIT-PJF2NA60 Datasheet
446Kb / 8P
   600V N-Channel MOSFET
PJF2NA60 PANJIT-PJF2NA60 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJF2NA60_T0_00001 PANJIT-PJF2NA60_T0_00001 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJF2NA70 PANJIT-PJF2NA70 Datasheet
459Kb / 8P
   700V N-Channel MOSFET
More results

Similar Description - PJF2NA90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com