Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM49350RLEVAL Datasheet(PDF) 3 Page - Texas Instruments

Part # LM49350RLEVAL
Description  LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49350RLEVAL Datasheet(HTML) 3 Page - Texas Instruments

  LM49350RLEVAL Datasheet HTML 1Page - Texas Instruments LM49350RLEVAL Datasheet HTML 2Page - Texas Instruments LM49350RLEVAL Datasheet HTML 3Page - Texas Instruments LM49350RLEVAL Datasheet HTML 4Page - Texas Instruments LM49350RLEVAL Datasheet HTML 5Page - Texas Instruments LM49350RLEVAL Datasheet HTML 6Page - Texas Instruments LM49350RLEVAL Datasheet HTML 7Page - Texas Instruments LM49350RLEVAL Datasheet HTML 8Page - Texas Instruments LM49350RLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
AUX_OUT+
LS +
HPL
HPR
VREF_FLT
MIC_BIAS
MCLK
A_VDD
D_VDD
SCL
SDA
GPIO
PORT1_CLK
PORT1_SYNC
PORT1_SDI
PORT1_SDO
PORT2_CLK
PORT2_SYNC
PORT2_SDI
AUX_R / MONO_IN-
AUX_L / MONO_IN+
POWER MANAGEMENT
and CONTROL
CLOCK
NETWORK
with DUAL
6' PLLs
REGISTERS
I
2
C
SLAVE
BG
AB
AB
-46.5 dB to 12 dB
6 dB to 36 dB
D
PORT2_SDO
RIGHT
ADC
6'
6'
LEFT
ADC
DAC
EFFECTS
VOL CTRL
DIGITAL 3D
5-BAND EQ
SOFT CLIP
ALC
AB
CHARGE
PUMP
CP+
CP-
LS_VDD
LSGND
AGND
DGND
I/O_VDD
6'
LEFT
DAC
6'
RIGHT
DAC
HP_VSS
LEFT_MIC/LINE+
VCM
VCM
AUX_OUT-
LS -
LEFT_MIC/LINE-
RIGHT_MIC/LINE-
RIGHT_MIC/LINE+
VCM
ADC
EFFECTS
VOL CTRL
5-BAND EQ
SOFT CLIP
ALC
LM49350, LM49350RLEVAL
www.ti.com
SNAS359D – SEPTEMBER 2008 – REVISED JUNE 2012
LM49350 Overview
Figure 1. LM49350 Block Diagram
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM49350 LM49350RLEVAL


Similar Part No. - LM49350RLEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49350RL NSC-LM49350RL Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
LM49350RLX NSC-LM49350RLX Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
More results

Similar Description - LM49350RLEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
Texas Instruments
LM49370 TI1-LM49370_14 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM4917 TI1-LM4917 Datasheet
3Mb / 25P
[Old version datasheet]   Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM49450 NSC-LM49450 Datasheet
1Mb / 38P
   I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5623 REALTEK-ALC5623 Datasheet
1Mb / 74P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
logo
National Semiconductor ...
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com