Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM49350 Datasheet(PDF) 52 Page - Texas Instruments

Part # LM49350
Description  LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49350 Datasheet(HTML) 52 Page - Texas Instruments

Back Button LM49350_15 Datasheet HTML 48Page - Texas Instruments LM49350_15 Datasheet HTML 49Page - Texas Instruments LM49350_15 Datasheet HTML 50Page - Texas Instruments LM49350_15 Datasheet HTML 51Page - Texas Instruments LM49350_15 Datasheet HTML 52Page - Texas Instruments LM49350_15 Datasheet HTML 53Page - Texas Instruments LM49350_15 Datasheet HTML 54Page - Texas Instruments LM49350_15 Datasheet HTML 55Page - Texas Instruments LM49350_15 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 108 page
background image
LM49350, LM49350RLEVAL
SNAS359D – SEPTEMBER 2008 – REVISED JUNE 2012
www.ti.com
Table 36. Audio Port 2 Input (0x43h)
Bits
Field
Description
1:0
L_SEL
This selects which input is fed to Audio Port 2's Left TX Channel.
L_SEL
Selected Input
00
None
01
ADC_L
10
PORT1_RX_L
11
DAC_INTERP_L
3:2
R_SEL
This selects which input is fed to Audio Port 2's Right TX Channel.
R_SEL
Selected Input
00
None
01
ADC_R
10
PORT1_RX_R
11
DAC_INTERP_R
4
SWAP
If set, this swaps the Left and Right outputs to Audio Port 2. The swap bit can be used to control which
microphone is being used for audio port transmit. For example, if LEFT_MIC is used as a primary handset
microphone and RIGHT_MIC is used a headset microphone, the SWAP bit allows the audio port to select
one of the microphones at a time for audio port transmit via the ADC.
5
MONO
If set, the right channel is ignored and the left channel becomes (left+right)/2.
Table 37. DAC Input Select (0x44h)
Bits
Field
Description
0
PORT1_L
This adds Audio Port 1's left RX channel to the DAC's left input.
1
PORT2_L
This adds Audio Port 2's left RX channel to the DAC's left input.
2
ADC_L
This adds the ADC's left output to the DAC's left input
3
PORT1_R
This adds Audio Port 1's right RX channel to the DAC's right input.
4
PORT2_R
This adds Audio Port 2's right RX channel to the DAC's right input.
5
ADC_R
This adds the ADC's right output to the DAC's right input.
6
SWAP
If set, this swaps the Left and Right inputs to the DAC.
Table 38. Decimator Input Select (0x45h)
Bits
Field
Description
1:0
L_SEL
This selects which input is fed to the left ADC's decimator input.
L_SEL
Selected Input
00
None
01
PORT1_RX_L
10
PORT2_RX_L
11
DAC_INTERP_L
3:2
R_SEL
This selects which input is fed to the right ADC's decimator input.
R_SEL
Selected Input
00
None
01
PORT1_RX_R
10
PORT2_RX_R
11
DAC_INTERP_R
52
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Links: LM49350 LM49350RLEVAL


Similar Part No. - LM49350_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49350RL NSC-LM49350RL Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
LM49350RLX NSC-LM49350RLX Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
More results

Similar Description - LM49350_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
Texas Instruments
LM49370 TI1-LM49370_14 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM4917 TI1-LM4917 Datasheet
3Mb / 25P
[Old version datasheet]   Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM49450 NSC-LM49450 Datasheet
1Mb / 38P
   I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5623 REALTEK-ALC5623 Datasheet
1Mb / 74P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
logo
National Semiconductor ...
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com