Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJU2NA70 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # PJU2NA70
Description  700V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJU2NA70 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJU2NA70 Datasheet HTML 1Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 2Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 3Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 4Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 5Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 6Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 7Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PPJU2NA70 / PJD2NA70 / PJP2NA70 / PJF2NA70
March 10,2014-REV.00
Page 4
TYPICAL CHARACTERISTIC CURVES
Fig.7 Gate Charge
Fig.8 BVDSS vs. Junction Temperature
Fig.9 Threshold Voltage Variation with Temperature
Fig.10 Maximum Safe Operating Area
Fig.11 Maximum Safe Operating Area
Fig.12 Maximum Safe Operating Area


Similar Part No. - PJU2NA70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJU2NA1K PANJIT-PJU2NA1K Datasheet
540Kb / 8P
   900V N-Channel MOSFET
PJU2NA60 PANJIT-PJU2NA60 Datasheet
446Kb / 8P
   600V N-Channel MOSFET
PJU2NA60 PANJIT-PJU2NA60 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJU2NA60_T0_00001 PANJIT-PJU2NA60_T0_00001 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJU2NA90 PANJIT-PJU2NA90 Datasheet
528Kb / 8P
   900V N-Channel MOSFET
More results

Similar Description - PJU2NA70

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com