Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJU2NA70 Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # PJU2NA70
Description  700V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJU2NA70 Datasheet(HTML) 6 Page - Pan Jit International Inc.

  PJU2NA70 Datasheet HTML 1Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 2Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 3Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 4Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 5Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 6Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 7Page - Pan Jit International Inc. PJU2NA70 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PPJU2NA70 / PJD2NA70 / PJP2NA70 / PJF2NA70
March 10,2014-REV.00
Page 6
Packaging Information
.
ITO-220AB-F Dimension
Unit: mm
TO-220AB Dimension
Unit: mm
TO-252 Dimension
Unit: mm
TO-251AB Dimension
Unit: mm


Similar Part No. - PJU2NA70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJU2NA1K PANJIT-PJU2NA1K Datasheet
540Kb / 8P
   900V N-Channel MOSFET
PJU2NA60 PANJIT-PJU2NA60 Datasheet
446Kb / 8P
   600V N-Channel MOSFET
PJU2NA60 PANJIT-PJU2NA60 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJU2NA60_T0_00001 PANJIT-PJU2NA60_T0_00001 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJU2NA90 PANJIT-PJU2NA90 Datasheet
528Kb / 8P
   900V N-Channel MOSFET
More results

Similar Description - PJU2NA70

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com