Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJD2NA1K Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJD2NA1K
Description  900V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJD2NA1K Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJD2NA1K Datasheet HTML 1Page - Pan Jit International Inc. PJD2NA1K Datasheet HTML 2Page - Pan Jit International Inc. PJD2NA1K Datasheet HTML 3Page - Pan Jit International Inc. PJD2NA1K Datasheet HTML 4Page - Pan Jit International Inc. PJD2NA1K Datasheet HTML 5Page - Pan Jit International Inc. PJD2NA1K Datasheet HTML 6Page - Pan Jit International Inc. PJD2NA1K Datasheet HTML 7Page - Pan Jit International Inc. PJD2NA1K Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PPJU2NA1K / PJD2NA1K / PJP2NA1K / PJF2NA1K
August 3,2015-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250uA
1000
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
2
3.2
4
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V,ID=1A
-
7.6
9
Ω
Zero Gate Voltage Drain Current
IDSS
VDS=1000V,VGS=0V
-
0.03
1.0
uA
Gate-Source Leakage Current
IGSS
VGS=+30V,VDS=0V
-
+10
+100
nA
Diode Forward Voltage
VSD
IS=2A,VGS=0V
-
0.8
1.7
V
Dynamic
(Note 4)
Total Gate Charge
Qg
VDS=800V, ID=2A,
VGS=10V
(Note 2,3)
-
14
-
nC
Gate-Source Charge
Qgs
-
2.9
-
Gate-Drain Charge
Qgd
-
7.9
-
Input Capacitance
Ciss
VDS=25V, VGS=0V,
f=1.0MHZ
-
385
-
pF
Output Capacitance
Coss
-
42
-
Reverse Transfer Capacitance
Crss
-
8
-
Turn-On Delay Time
td(on)
VDD=500V, ID=1A,
RG=25Ω
(Note 2,3)
-
10
-
ns
Turn-On Rise Time
tr
-
23
-
Turn-Off Delay Time
td(off)
-
37
-
Turn-Off Fall Time
tf
-
34
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
2
A
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
---
-
-
8
A
Reverse Recovery Time
trr
VGS=0V, IS=2A
dIF/ dt=100A/us
(Note 2)
-
647
-
ns
Reverse Recovery Charge
Qrr
-
1.77
-
uC
NOTES :
1.
L=30mH, IAS=3.1A, VDD=50V, RG=25ohm, Starting TJ=25
oC
2.
Pulse width<300us, Duty cycle<2%
3.
Essentially independent of operating temperature typical characteristics.
4.
Guaranteed by design, not subject to production testing


Similar Part No. - PJD2NA1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD2NA60 PANJIT-PJD2NA60 Datasheet
446Kb / 8P
   600V N-Channel MOSFET
PJD2NA60 PANJIT-PJD2NA60 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJD2NA60_L2_00001 PANJIT-PJD2NA60_L2_00001 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJD2NA70 PANJIT-PJD2NA70 Datasheet
459Kb / 8P
   700V N-Channel MOSFET
PJD2NA90 PANJIT-PJD2NA90 Datasheet
528Kb / 8P
   900V N-Channel MOSFET
More results

Similar Description - PJD2NA1K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com