Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJU2NA1K Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJU2NA1K
Description  900V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJU2NA1K Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJU2NA1K Datasheet HTML 1Page - Pan Jit International Inc. PJU2NA1K Datasheet HTML 2Page - Pan Jit International Inc. PJU2NA1K Datasheet HTML 3Page - Pan Jit International Inc. PJU2NA1K Datasheet HTML 4Page - Pan Jit International Inc. PJU2NA1K Datasheet HTML 5Page - Pan Jit International Inc. PJU2NA1K Datasheet HTML 6Page - Pan Jit International Inc. PJU2NA1K Datasheet HTML 7Page - Pan Jit International Inc. PJU2NA1K Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PPJU2NA1K / PJD2NA1K / PJP2NA1K / PJF2NA1K
August 3,2015-REV.00
Page 1
900V N-Channel MOSFET
Voltage
1000 V
Current
2 A
ITO-220AB-F
TO-220AB
TO-252
TO-251AB
Features
RDS(ON), VGS@10V,ID@1A<9Ω
High switching speed
Improved dv/dt capability
Low Gate Charge
Low reverse transfer capacitance
Lead free in compliance with EU RoHS 2011/65/EU directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case : TO-251AB,TO-252 ,TO-220AB, ITO-220AB-F Package
Terminals : Solderable per MIL-STD-750, Method 2026
TO-251AB Approx. Weight : 0.0104 ounces, 0.297grams
TO-252 Approx. Weight : 0.0104 ounces, 0.297grams
TO-220AB Approx. Weight : 0.0667 ounces, 1.89 grams
ITO-220AB-F Approx. Weight : 0.068 ounces, 2 grams
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TO-251AB
TO-220AB
ITO-220AB-F
TO-252
UNITS
Drain-Source Voltage
VDS
1000
V
Gate-Source Voltage
VGS
+30
V
Continuous Drain Current
ID
2
A
Pulsed Drain Current
IDM
8
A
Single Pulse Avalanche Energy
(Note 1)
EAS
148
mJ
Power Dissipation
TC=25
oC
PD
50
80
39
50
W
Derate above 25
oC
0.4
0.64
0.31
0.4
W/
oC
Operating Junction and
Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Case
-
Junction to Ambient
RθJC
RθJA
2.5
110
1.56
62.5
3.21
120
2.5
110
oC/W
Limited only By Maximum Junction Temperature


Similar Part No. - PJU2NA1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJU2NA60 PANJIT-PJU2NA60 Datasheet
446Kb / 8P
   600V N-Channel MOSFET
PJU2NA60 PANJIT-PJU2NA60 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJU2NA60_T0_00001 PANJIT-PJU2NA60_T0_00001 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJU2NA70 PANJIT-PJU2NA70 Datasheet
459Kb / 8P
   700V N-Channel MOSFET
PJU2NA90 PANJIT-PJU2NA90 Datasheet
528Kb / 8P
   900V N-Channel MOSFET
More results

Similar Description - PJU2NA1K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com