Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4995 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4995
Description  1.3 W Audio Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4995 Datasheet(HTML) 1 Page - Texas Instruments

  LM4995 Datasheet HTML 1Page - Texas Instruments LM4995 Datasheet HTML 2Page - Texas Instruments LM4995 Datasheet HTML 3Page - Texas Instruments LM4995 Datasheet HTML 4Page - Texas Instruments LM4995 Datasheet HTML 5Page - Texas Instruments LM4995 Datasheet HTML 6Page - Texas Instruments LM4995 Datasheet HTML 7Page - Texas Instruments LM4995 Datasheet HTML 8Page - Texas Instruments LM4995 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM4995, LM4995TMBD
www.ti.com
SNAS329G – APRIL 2006 – REVISED APRIL 2013
LM4995
1.3 W Audio Power Amplifier
Check for Samples: LM4995, LM4995TMBD
1
FEATURES
DESCRIPTION
The LM4995 is an audio power amplifier primarily
2
Available in Space-Saving 0.4mm Pitch
designed
for
demanding
applications
in
mobile
DSBGA Package
phones and other portable communication device
Ultra Low Current Shutdown Mode
applications. It is capable of delivering 1.2W of
BTL Output Can Drive Capacitive Loads
continuous average power to an 8
Ω BTL load with
less than 1% distortion (THD+N) from a 5VDC power
Improved Click and Pop Circuitry Eliminates
supply.
Noise during Turn-On and Turn-Off Transitions
Boomer
audio
power
amplifiers
were
designed
2.4 - 5.5V Operation
specifically to provide high quality output power with a
No Output Coupling Capacitors, Snubber
minimal
amount
of
external
components.
The
Networks or Bootstrap Capacitors Required
LM4995 does not require output coupling capacitors
Unity-Gain Stable
or bootstrap capacitors, and therefore is ideally suited
for mobile phone and other low voltage applications
External Gain Configuration Capability
where minimal power consumption is a primary
WSON Package: 0.5mm Pitch, 3 x 3 mm
requirement.
The LM4995 features a low-power consumption
APPLICATIONS
shutdown mode, which is achieved by driving the
Mobile Phones
shutdown pin with logic low. Additionally, the LM4995
PDAs
features an internal thermal shutdown protection
mechanism.
Portable electronic devices
The LM4995 contains advanced click and pop
KEY SPECIFICATIONS
circuitry
which
eliminates
noise
which
would
otherwise
occur
during
turn-on
and
turn-off
PSRR at 3.6V (217Hz & 1kHz): 75 dB
transitions.
Output Power at 5.0V, 1% THD+N, 8
Ω:
The
LM4995
is
unity-gain
stable
and
can
be
1.3 W (typ)
configured by external gain-setting resistors.
Output Power at 3.6V, 1% THD+N, 8
Ω:
625 mW (typ)
Shutdown Current: 0.01µA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4995

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
LM4995 NSC-LM4995 Datasheet
365Kb / 18P
   1.3W Audio Power Amplifier
logo
Texas Instruments
LM4995 TI1-LM4995 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995TMBD TI1-LM4995TMBD Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
National Semiconductor ...
LM4995 NSC-LM4995_07 Datasheet
365Kb / 18P
   1.3W Audio Power Amplifier
More results

Similar Description - LM4995

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
TDA1015T PHILIPS-TDA1015T Datasheet
75Kb / 10P
   0,5 W audio power amplifier
March 1986
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
[Old version datasheet]   1-W AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
List of Unclassifed Man...
DI35 ETC-DI35 Datasheet
78Kb / 2P
   16 W Audio Amplifier Power Supply
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com