Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC302N20N3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPC302N20N3
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPC302N20N3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPC302N20N3 Datasheet HTML 1Page - Infineon Technologies AG IPC302N20N3 Datasheet HTML 2Page - Infineon Technologies AG IPC302N20N3 Datasheet HTML 3Page - Infineon Technologies AG IPC302N20N3 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
OptiMOS™3PowerMOSTransistorChip
IPC302N20N3
Rev.2.6,2015-04-08
Final Data Sheet
PowerMOSTransistorChip
Drain
Gate
Source
1Description
•N-channelenhancementmode
•Foradditionalcharacteristicandmaxratingsrefertothedatasheetof
IPP110N20N3G
•AQL0.65forvisualinspectionaccordingtofailurecatalogue
•ElectrostaticDischargeSensitiveDeviceaccordingtoMIL-STD883C
•Diebond:solderedorglued
•Backsidemetallization:NiVsystem
•Frontsidemetallization:AlCusystem
•Passivation:nitride(onlyonedgestructure)
Table1KeyPerformanceParameters
Parameter
Value
Unit
V(BR)DSS
200
V
RDS(on)
12
1)
m
Die size
6.7 x 4.5
mm
2
Thickness
250
µm
Type/OrderingCode
Package
Marking
RelatedLinks
IPC302N20N3
Chip
not defined
-
2ElectricalCharacteristicsonWaferLevel
atTj=25°C,unlessotherwisespecified
Table2
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
200
-
-
V
VGS=0V,ID=1mA
Gate threshold voltage
VGS(th)
2
3
4
V
VDS=VGS,ID=260µA
Zero gate voltage drain current
IDSS
-
0.1
1
µA
VGS=0V,VDS=160V
Gate-source leakage current
IGSS
-
1
100
nA
VGS=20V,VDS=0V
Drain-source on- resistance
RDS(on)
-
9.2
2)
100
3)
m
VGS=10V,ID=2.0A
Reverse diode forward on-voltage
VSD
-
1.0
1.2
V
VGS=0V,IF=1A
Avalanche energy, single pulse
EAS
-
47
4)
-
mJ
ID =30 A, RGS =25
1) packaged in a P-TO220-3 (see ref. product)
2)typicalbaredieRDS(on);VGS=10V
3) limited by wafer test-equipment
4) Wafer tested. For general avalanche capability refer to the datasheet of IPP110N20N3 G


Similar Part No. - IPC302N20N3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPC302N20NFD INFINEON-IPC302N20NFD Datasheet
917Kb / 3P
   OptiMOS?? Power MOS Transistor Chip
Rev. 2.0 2016-04-05
More results

Similar Description - IPC302N20N3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com