Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E016JI Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY100E016JI
Description  8-BIT SYNCHRONOUS BINARY UP COUNTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E016JI Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY100E016JI Datasheet HTML 2Page - Micrel Semiconductor SY100E016JI Datasheet HTML 3Page - Micrel Semiconductor SY100E016JI Datasheet HTML 4Page - Micrel Semiconductor SY100E016JI Datasheet HTML 5Page - Micrel Semiconductor SY100E016JI Datasheet HTML 6Page - Micrel Semiconductor SY100E016JI Datasheet HTML 7Page - Micrel Semiconductor SY100E016JI Datasheet HTML 8Page - Micrel Semiconductor SY100E016JI Datasheet HTML 9Page - Micrel Semiconductor SY100E016JI Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
SY10E016
SY100E016
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
Figure 4. 32-Bit Cascaded E016 Programmable Divider
Q0–Q7
P0–P7
CE
PE
TC
CLK
E016
LSB
Q0–Q7
P0–P7
E016
Q0–Q7
P0–P7
E016
Q0–Q7
P0–P7
E016
MSB
"LO"
CLOCK
E101
E101
E101
CE
PE
CE
PE
CE
PE
TC
CLK
TC
CLK
TC
CLK


Similar Part No. - SY100E016JI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E101 MICREL-SY100E101 Datasheet
66Kb / 3P
   QUAD 4-INPUT OR/NOR GATE
SY100E101 MICREL-SY100E101 Datasheet
64Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
SY100E101JC MICREL-SY100E101JC Datasheet
66Kb / 3P
   QUAD 4-INPUT OR/NOR GATE
SY100E101JC MICREL-SY100E101JC Datasheet
64Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
SY100E101JCTR MICREL-SY100E101JCTR Datasheet
66Kb / 3P
   QUAD 4-INPUT OR/NOR GATE
More results

Similar Description - SY100E016JI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
ON Semiconductor
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com