Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4862M Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM4862M
Description  675 mW Audio Power Amplifier with Shutdown Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4862M Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4862M Datasheet HTML 5Page - Texas Instruments LM4862M Datasheet HTML 6Page - Texas Instruments LM4862M Datasheet HTML 7Page - Texas Instruments LM4862M Datasheet HTML 8Page - Texas Instruments LM4862M Datasheet HTML 9Page - Texas Instruments LM4862M Datasheet HTML 10Page - Texas Instruments LM4862M Datasheet HTML 11Page - Texas Instruments LM4862M Datasheet HTML 12Page - Texas Instruments LM4862M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LM4862
www.ti.com
SNAS102F – MAY 1997 – REVISED MAY 2013
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. The capacitor location on both the bypass and power supply pins should be as close to the device as
possible. As displayed in Typical Performance Characteristics, the effect of a larger half supply bypass capacitor
is improved PSSR due to increased half-supply stability. Typical applications employ a 5V regulator with 10
μF
and a 0.1
μF bypass capacitors which aid in supply stability, but do not eliminate the need for bypassing the
supply nodes of the LM4862. The selection of bypass capacitors, especially CB, is thus dependant upon desired
PSSR requirements, click and pop performance as explained in PROPER SELECTION OF EXTERNAL
COMPONENTS, system cost, and size constraints.
SHUTDOWN FUNCTION
In order to reduce power consumption while not in use, the LM4862 contains a shutdown pin to externally turn off
the amplifier's bias circuitry. The shutdown feature turns the amplifier off when a logic high is placed on the
shutdown pin. The trigger point between a logic low and logic high level is typically half supply. It is best to switch
between ground and supply to provide maximum device performance. By switching the shutdown pin to VDD, the
LM4862 supply current draw will be minimized in idle mode. While the device will be disabled with shutdown pin
voltages less than VDD, the idle current may be greater than the typical value of 0.7 μA. In either case, the
shutdown pin should be tied to a definite voltage because leaving the pin floating may result in an unwanted
shutdown condition.
In many applications, a microcontroller or microprocessor output is used to control the shutdown circuitry which
provides a quick, smooth transition into shutdown. Another solution is to use a single-pole, single-throw switch
that when closed, is connected to ground and enables the amplifier. If the switch is open, then a soft pull-up
resistor of 47 k
Ω will disable the LM4862. There are no soft pull-down resistors inside the LM4862, so a definite
shutdown pin voltage must be applied externally, or the internal logic gate will be left floating which could disable
the amplifier unexpectedly.
AUTOMATIC SWITCHING CIRCUIT
As shown in Figure 3, the LM4862 and the LM4880 can be set up to automatically switch on and off depending
on whether headphones are plugged in. The LM4880 is used to drive a stereo single ended load, while the
LM4862 drives a bridged internal speaker.
The Automatic Switching Circuit is based upon a single control pin common in many headphone jacks which
forms a normally closed switch with one of the output pins. The output of this circuit (the voltage on pin 5 of the
LM4880) has two states based on the position of the switch. When the switch inside the headphone jack is open,
the LM4880 is enabled and the LM4862 is disabled since the NMOS inverter is on. If a headphone jack is not
present, it is assumed that the internal speakers should be on and the external speakers should be off. Thus the
voltage on the LM4862 shutdown pin is low and the voltage on the LM4880 shutdown pin is high.
The operation of this circuit is rather simple. With the switch closed, RP and RO form a resistor divider which
produces a gate voltage of less than 50 mV. The gate voltage keeps the NMOS inverter off and RSD pulls the
shutdown pin of the LM4880 to the supply voltage. This shuts down the LM4880 and places the LM4862 in its
normal mode of operation. When the switch is open, the opposite condition is produced. Resistor RP pulls the
gate of the NMOS high which turns on the inverter and produces a logic low signal on the shutdown pin of the
LM4880. This state enables the LM4880 and places the LM4862 in shutdown mode.
Only one channel of this circuit is shown in Figure 3 to keep the drawing simple but a typical application would be
a LM4880 driving a stereo headphone jack and two LM4862's driving a pair of internal speakers. If a single
internal speaker is required, one LM4862 can be used as a summer to mix the left and right inputs into a mono
channel.
PROPER SELECTION OF EXTERNAL COMPONENTS
Proper selection of external components in applications using integrated power amplifiers is critical to optimize
device and system performance. While the LM4862 is tolerant of external component combinations,
consideration to component values must be used to maximize overall system quality.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4862


Similar Part No. - LM4862M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4862M NSC-LM4862M Datasheet
262Kb / 10P
   675 mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4862M TI-LM4862M Datasheet
939Kb / 18P
[Old version datasheet]   LM4862 675 mW Audio Power Amplifier with Shutdown
LM4862MX TI-LM4862MX Datasheet
939Kb / 18P
[Old version datasheet]   LM4862 675 mW Audio Power Amplifier with Shutdown
More results

Similar Description - LM4862M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4862 NSC-LM4862 Datasheet
262Kb / 10P
   675 mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4862M TI-LM4862M Datasheet
939Kb / 18P
[Old version datasheet]   LM4862 675 mW Audio Power Amplifier with Shutdown
logo
National Semiconductor ...
LM4864 NSC-LM4864 Datasheet
342Kb / 10P
   300 mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com