Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY10E016 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY10E016
Description  8-BIT SYNCHRONOUS BINARY UP COUNTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E016 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10E016 Datasheet HTML 1Page - Micrel Semiconductor SY10E016 Datasheet HTML 2Page - Micrel Semiconductor SY10E016 Datasheet HTML 3Page - Micrel Semiconductor SY10E016 Datasheet HTML 4Page - Micrel Semiconductor SY10E016 Datasheet HTML 5Page - Micrel Semiconductor SY10E016 Datasheet HTML 6Page - Micrel Semiconductor SY10E016 Datasheet HTML 7Page - Micrel Semiconductor SY10E016 Datasheet HTML 8Page - Micrel Semiconductor SY10E016 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SY10E016
SY100E016
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ. Max. Min.
Typ. Max.
Unit
IIH
Input HIGH Current
150
150
150
150
µA
IEE
Power Supply Current
mA
10E
151
181
151
181
151
181
151
181
100E
151
181
151
181
151
181
174
208
TRUTH TABLE
(1)
CE
PE
TCLD
MR
CLK
Function
X
L
X
L
Z
Load Parallel (Pn to Qn)
L
H
L
L
Z
Continuous Count
L
H
H
L
Z
Count; Load Parallel on TC = LOW
H
H
X
L
Z
Hold
X
X
X
L
ZZ
Master respond, Slaves Hold
X
X
X
H
Z
Reset (Qn : = LOW, TC : = HIGH)
NOTE:
1. Z = Clock Pulse (LOW-to-HIGH), ZZ = Clock Pulse (HIGH-to-LOW)
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = –40
°CTA = 0°CTA = 25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max.
Min.
Typ.
Max.
Min.
Typ. Max. Min.
Typ. Max.
Unit
fCOUNT
Max. Count Frequency
700
900
700
900
700
900
700
900
MHz
tPD
Propagation Delay to Output
ps
CLK to Q
600
725
1000
600
725
1000
600
725
1000
600
725
1000
MR to Q
600
775
1000
600
775
1000
600
775
1000
600
775
1000
CLK to TC (Qs loaded)(1)
550
775
1050
550
775
1050
550
775
1050
550
775
1050
CLK to TC (Qs unloaded)(1)
550
700
900
550
700
900
550
700
900
550
700
900
MR to TC
625
775
1000
625
775
1000
625
775
1000
625
775
1000
tS
Set-up Time
ps
Pn
150
–30
150
–30
150
–30
150
–30
CE
600
400
600
400
600
400
600
400
PE
600
400
600
400
600
400
600
400
TCLD
500
300
500
300
500
300
500
300
tH
Hold Time
ps
Pn
250
30
250
30
250
30
250
30
CE
0
–400
0
–400
0
–400
0
–400
PE
0
–400
0
–400
0
–400
0
–400
TCLD
100
–300
100
–300
100
–300
100
–300
tRR
Reset Recovery Time
900
700
900
700
900
700
900
700
ps
tWP
Minimum Pulse Width
400
400
400
400
ps
CLK, MR
tr
Rise/Fall Times
300
510
800
300
510
800
300
510
800
300
510
800
ps
tf
20% to 80%
NOTE:
1. CLK to TC propagation delay is dependent on the loading of the Q outputs. With all of the Q outputs loaded, the noise generated in going from a IIII IIII
state to a 0000 0000 state causes the CLk to TC+ delay to increase.
AC ELECTRICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT71V2577 128K x 36 256K x 18 3.3V Synchronous SRAMs 2.5V I/O Flow-Through Outputs Burst Counter Single Cycle Deselect 1  2  3  4  5  More Integrated Device Technology
54F191 Up/Down Binary Counter with Preset and Ripple Clock 1  2  3  4  5  More National Semiconductor (TI)
AD7829-1 3 V/5 V 2 MSPS 8-Bit 8-Channel ADC 1  2  3  4  5  More Analog Devices
TMP87PM29U CMOS 8-Bit Microcontroller 1  2  3  4  5  More Toshiba Semiconductor
NCP1573 Low Voltage Synchronous Buck Controller 1  2  3  4  5  More ON Semiconductor
HY57V64420HG 4 Banks x 4M x 4Bit Synchronous DRAM 1  2  3  4  5  More Hynix Semiconductor
PIC16LV5X EPROM-Based 8-Bit CMOS Microcontroller Series 1  2  3  4  5  More Microchip Technology
AD9481 8-Bit 250 MSPS 3.3 V A/D Converter 1  2  3  4  5  More Analog Devices
HM628128LP 131072-word x 8-bit High Speed CMOS Static RAM 1  2  3  4  5  More Hitachi Semiconductor
IS61SF25616 256K x 16 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn