Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY10E016 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part No. SY10E016
Description  8-BIT SYNCHRONOUS BINARY UP COUNTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E016 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E016 Datasheet HTML 1Page - Micrel Semiconductor SY10E016 Datasheet HTML 2Page - Micrel Semiconductor SY10E016 Datasheet HTML 3Page - Micrel Semiconductor SY10E016 Datasheet HTML 4Page - Micrel Semiconductor SY10E016 Datasheet HTML 5Page - Micrel Semiconductor SY10E016 Datasheet HTML 6Page - Micrel Semiconductor SY10E016 Datasheet HTML 7Page - Micrel Semiconductor SY10E016 Datasheet HTML 8Page - Micrel Semiconductor SY10E016 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SY10E016
SY100E016
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10E016JI
J28-1
Industrial
SY10E016JI
Sn-Pb
SY10E016JITR(2)
J28-1
Industrial
SY10E016JI
Sn-Pb
SY100E016JI
J28-1
Industrial
SY100E016JI
Sn-Pb
SY100E016JITR(2)
J28-1
Industrial
SY100E016JI
Sn-Pb
SY10E016JC
J28-1
Commercial
SY10E016JC
Sn-Pb
SY10E016JCTR(2)
J28-1
Commercial
SY10E016JC
Sn-Pb
SY100E016JC
J28-1
Commercial
SY100E016JC
Sn-Pb
SY100E016JCTR(2)
J28-1
Commercial
SY100E016JC
Sn-Pb
SY10E016JY(3)
J28-1
Industrial
SY10E016JY with
Matte-Sn
Pb-Free bar-line indicator
SY10E016JYTR(2, 3)
J28-1
Industrial
SY10E016JYwith
Matte-Sn
Pb-Free bar-line indicator
SY100E016JY(3)
J28-1
Industrial
SY100E016JY with
Matte-Sn
Pb-Free bar-line indicator
SY100E016JYTR(2, 3)
J28-1
Industrial
SY100E016JY with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
VEE
MR
CLK
P0
NC
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
56789
10 11
P1
TCLD
Q7
PLCC
TOP VIEW
J28-1
Q6
VCC
Q5
VCCO
Q4
Q3


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT71V2577 128K x 36 256K x 18 3.3V Synchronous SRAMs 2.5V I/O Flow-Through Outputs Burst Counter Single Cycle Deselect 1  2  3  4  5  More Integrated Device Technology
54F191 Up/Down Binary Counter with Preset and Ripple Clock 1  2  3  4  5  More National Semiconductor (TI)
AD7829-1 3 V/5 V 2 MSPS 8-Bit 8-Channel ADC 1  2  3  4  5  More Analog Devices
TMP87PM29U CMOS 8-Bit Microcontroller 1  2  3  4  5  More Toshiba Semiconductor
NCP1573 Low Voltage Synchronous Buck Controller 1  2  3  4  5  More ON Semiconductor
HY57V64420HG 4 Banks x 4M x 4Bit Synchronous DRAM 1  2  3  4  5  More Hynix Semiconductor
PIC16LV5X EPROM-Based 8-Bit CMOS Microcontroller Series 1  2  3  4  5  More Microchip Technology
AD9481 8-Bit 250 MSPS 3.3 V A/D Converter 1  2  3  4  5  More Analog Devices
HM628128LP 131072-word x 8-bit High Speed CMOS Static RAM 1  2  3  4  5  More Hitachi Semiconductor
IS61SF25616 256K x 16 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn